Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM61 Datasheet (PDF) - Ashcroft, Inc.

DM61 Datasheet PDF - Ashcroft, Inc.
Part # DM61
Download  DM61 Download
File Size   316.62 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description DM61 Panel Meter

DM61 Datasheet (PDF)

Go To PDF Page Download Datasheet
DM61 Datasheet PDF - Ashcroft, Inc.

Part # DM61
Download  DM61 Click to download

File Size   316.62 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description DM61 Panel Meter

DM61 Datasheet (HTML) - Ashcroft, Inc.


DM61 Product details

FEATURES
Isolated 24Vdc power supply
NEMA 4X front face
Dual line 6 digit display
On-board USB port for programming with a PC
Two or four relay ouputs
Isolated analog output




Similar Part No. - DM61

ManufacturerPart #DatasheetDescription
logo
C&K Components
DM61J11B205DO CK-COMPONENTS-DM61J11B205DO Datasheet
253Kb / 4P
Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM61J11B205DQ ITT-DM61J11B205DQ Datasheet
349Kb / 4P
Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM61J11B205HO CK-COMPONENTS-DM61J11B205HO Datasheet
253Kb / 4P
Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM61J11B205HQ ITT-DM61J11B205HQ Datasheet
349Kb / 4P
Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM61J11B205O CK-COMPONENTS-DM61J11B205O Datasheet
253Kb / 4P
Miniature 2 Pole Power Rocker Switches
More results


Similar Description - DM61

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDM35V1D41 ETC2-EDM35V1D41 Datasheet
218Kb / 7P
Panel Meters and Controllers Panel Meter Modular
logo
Murata Manufacturing Co...
DM-500 MURATA-DM-500 Datasheet
348Kb / 3P
digit, led display mini panel meter
DM-2000AB MURATA-DM-2000AB Datasheet
814Kb / 3P
Digital Panel Meter
DM-3104 MURATA-DM-3104 Datasheet
1Mb / 6P
High Brightness Panel Meter
logo
Analog Devices
AD2001 AD-AD2001_15 Datasheet
975Kb / 2P
DIGIT PANEL METER FOR OEM APPLICATIONS
logo
Omron Electronics LLC
K3GN OMRON-K3GN Datasheet
901Kb / 22P
1/32 DIN Digital Panel Meter
logo
Carlo Gavazzi Holding A...
DI372F1K CARLOGAVAZZI-DI372F1K Datasheet
48Kb / 2P
Panel Meters and Controllers Autoranging Frequency Meter
LDI35CFD CARLOGAVAZZI-LDI35CFD Datasheet
66Kb / 3P
Panel Meters and Controllers Temperature Meter/Controller
logo
M-System Co.,Ltd.
51U MSYSTEM-51U Datasheet
299Kb / 16P
Panel Mounted Multi Power Meter 51-UNIT
logo
Advantech Co., Ltd.
WISE-M501 ADVANTECH-WISE-M501 Datasheet
302Kb / 1P
Multifunction Panel Mount Smart Power Meter
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com