Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W39V040C Datasheet (PDF) - Winbond

W39V040C Datasheet PDF - Winbond
Part # W39V040C
Download  W39V040C Download
File Size   352.75 Kbytes
Page   36 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE

W39V040C Datasheet (PDF)

Go To PDF Page Download Datasheet
W39V040C Datasheet PDF - Winbond

Part # W39V040C
Download  W39V040C Click to download

File Size   352.75 Kbytes
Page   36 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE

W39V040C Datasheet (HTML) - Winbond


W39V040C Product details

GENERAL DESCRIPTION

The W39V040C is a 4-megabit, 3.3-volt only CMOS flash memory organized as 512K ×8 bits. For

flexible erase capability, the 4Mbits of data are divided into into 16 x 8 Kbytes pages and 6 x 64 Kbytes sectors or 8 x 64 Kbytes sectors. The device can be programmed and erased in-system with a standard 3.3V power supply. A 12-volt VPP isrequired for accelerated program.The unique cell architecture of the W39V040C results in fast program/erase operations with extremely low current consumption. This device can operate at two modes, Programmer bus interface mode, Low pin count (LPC) bus interface mode. As in the Programmer interface mode, it actslike the traditional flash but with a multiplexed address inputs. But in the LPC interface mode, this device complies with the Intel LPC specification. The device can also be programmed and erased using standard EPROM programmers.



FEATURES

•Single 3.3-volt operations:

  −3.3-volt Read

  −3.3-volt Erase

  −3.3-volt Program

•Fast Program operation: 

  −Byte-by-Byte programming: 7 μS (typ.) (VPP = 12V) 

−Byte-by-Byte programming: 10 μS (typ.)(VPP = Vcc)

•Fast Erase operation:

−Sector erase 0.6 Sec. (typ.)

−Page erase   0.3 Sec. (typ.)

• Fast Read access time: Tkq 11 nS

• Endurance: 50K cycles (typ.)

• Twenty-year data retention

• 6 Even sectors with 64K bytes and 16 Even pages with 8K bytes or 8 Even sectors with 64 Kbytes

• Any individual sector can be erasedHardware protection:

−#TBL supports 64-Kbyte Boot Block hardware protection

−#WP supports the whole chip except Boot Block hardware protection 

•Low power consumption

  −Active current: 15 mA (typ. for LPC read mode)

•Automatic program and erase timing with internal VPPgeneration

•End of program or erase detection

  −Toggle bit

  −Data polling

•Latched address and data

• TTL compatible I/O

• Available packages: 32L PLCC, 32L STSOP 32L PLCC Lead free, 32L STSOP Lead free




Similar Part No. - W39V040C

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V040A WINBOND-W39V040A Datasheet
369Kb / 34P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040AP WINBOND-W39V040AP Datasheet
369Kb / 34P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040AQ WINBOND-W39V040AQ Datasheet
369Kb / 34P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040BP WINBOND-W39V040BP Datasheet
356Kb / 32P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
More results


Similar Description - W39V040C

ManufacturerPart #DatasheetDescription
logo
Winbond
W49V002A WINBOND-W49V002A Datasheet
290Kb / 32P
256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040A WINBOND-W39V040A Datasheet
369Kb / 34P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
512K 횞 8 CMOS FLASH MEMORY
W39V080A WINBOND-W39V080A Datasheet
356Kb / 34P
1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040B WINBOND-W39V040B_07 Datasheet
336Kb / 33P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com