Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPR70 Datasheet (PDF) - 3PEAK INC.

TPR70 Datasheet PDF - 3PEAK INC.
Part # TPR70
Download  TPR70 Download
File Size   10123.07 Kbytes
Page   18 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description Low-Noise, Low-Drift, Precision Voltage Reference

TPR70 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPR70 Datasheet PDF - 3PEAK INC.

Part # TPR70
Download  TPR70 Click to download

File Size   10123.07 Kbytes
Page   18 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description Low-Noise, Low-Drift, Precision Voltage Reference

TPR70 Datasheet (HTML) - 3PEAK INC.


TPR70 Product details

Features
• Wide Input Voltage Range:
– 7.5 V to 15 V
• Fixed Output Voltage:
– 2.048 V, 2.5 V, 3 V, 3.3 V, 4.096 V, 5 V, and 10 V
• Low-Temperature Coefficient:
– 2.5 ppm/°C Typical from 0°C to 70°C
– 1 ppm/°C Typical from −40°C to 125°C
• High Initial Accuracy:
– 0.05% Maximum
• Low Noise:
– 1 μVpp/V
• Temperature Range: −40°C to 125°C
• Package: SOP8
Applications
• Battery Test Equipment
• Industry Control
• Precision Instrumentation
• Medical Equipment
Description
The TPR70 series is a family of high-precision and lowtemperature-drift voltage references with an accuracy of
0.05%, and a temperature coefficient of 1.5 ppm/°C. All
products of the TPR70 series can support both sinking
and souring currents of ±10 mA and have a low dropout
voltage.
The high precision and excellent temperature stability
performance make the TPR70 series an ideal reference
in a system with high-resolution requirements.
The TPR70 series provides an SOP8 package. All the
products are qualified to operate within the temperature
range from –40°C to +125°C.




Similar Part No. - TPR70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPR700 ETC1-TPR700 Datasheet
296Kb / 3P
700 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
TPR700 ADPOW-TPR700 Datasheet
268Kb / 3P
high power COMMON BASE bipolar transistor.
logo
Wuxi Unigroup Microelec...
TPR70R260M WUMC-TPR70R260M Datasheet
710Kb / 10P
700V Super-junction Power MOSFET
V1.0
TPR70R260M WUMC-TPR70R260M Datasheet
714Kb / 10P
700V Super-junction Power MOSFET
V1.0
TPR70R260M WUMC-TPR70R260M Datasheet
710Kb / 10P
700V Super-junction Power MOSFET
V1.0
More results


Similar Description - TPR70

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5010 TI-REF5010 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP Datasheet
374Kb / 16P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020A-Q1 TI1-REF5020A-Q1_15 Datasheet
1Mb / 25P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5025-HT TI1-REF5025-HT_14 Datasheet
383Kb / 17P
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com