Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBCT1020 Datasheet (PDF) - Diotec Semiconductor

SBCT1020 Datasheet PDF - Diotec Semiconductor
Part # SBCT1020
Download  SBCT1020 Download
File Size   113.73 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky Barrier Rectifiers - Common Cathode

SBCT1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBCT1020 Datasheet PDF - Diotec Semiconductor

Part # SBCT1020
Download  SBCT1020 Click to download

File Size   113.73 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky Barrier Rectifiers - Common Cathode

SBCT1020 Datasheet (HTML) - Diotec Semiconductor


SBCT1020 Product details

Schottky Barrier Rectifiers – Common Cathode

 • Nominal Current                                    10 A
 • Repetitive peak reverse voltage   20...100 V
 • Plastic case                                  TO-220AB
 • Weight approx.                                       2.2g
 • Plastic material has UL classification 94V-0
 • Standard packaging in tubes




Similar Part No. - SBCT1020

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBCT1020 DIOTEC-SBCT1020 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes - Common Cathode
SBCT1020 DIOTEC-SBCT1020 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes . Common Cathode
SBCT1020 DIOTEC-SBCT1020 Datasheet
169Kb / 2P
Schottky Barrier Rectifier Diodes
SBCT1020 DIOTEC-SBCT1020_10 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes - Common Cathode
SBCT1020 DIOTEC-SBCT1020_13 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes . Common Cathode
More results


Similar Description - SBCT1020

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MBR30150CT GOOD-ARK-MBR30150CT Datasheet
200Kb / 3P
Dual Common-Cathode High-Voltage Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBCT2020 DIOTEC-SBCT2020 Datasheet
119Kb / 2P
Schottky Barrier Rectifiers - Common Cathode
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_08 Datasheet
99Kb / 4P
Dual Common-Cathode Schottky Rectifiers
19-May-08
logo
GOOD-ARK Electronics
MBR10150CT GOOD-ARK-MBR10150CT Datasheet
183Kb / 3P
Dual Common-Cathode High-Voltage Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS10P3CL VISHAY-SS10P3CL_15 Datasheet
100Kb / 6P
Dual Common Cathode Schottky Rectifiers
14-Aug-13
MBR40H35CT VISHAY-MBR40H35CT_15 Datasheet
85Kb / 5P
Dual Common Cathode Schottky Rectifiers
13-Aug-13
logo
Thinki Semiconductor Co...
MBR3035PT THINKISEMI-MBR3035PT Datasheet
591Kb / 2P
30.0 Ampere Dual Common Cathode Schottky Barrier Rectifiers
SB20100CT THINKISEMI-SB20100CT Datasheet
340Kb / 2P
20.0 Ampere Dual Common Cathode Schottky Barrier Rectifiers
FCH20A045 THINKISEMI-FCH20A045 Datasheet
1Mb / 2P
20.0 Ampere Insulated Dual Common Cathode Schottky Barrier Rectifiers
MBR2045FCT THINKISEMI-MBR2045FCT Datasheet
863Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Schottky Barrier Rectifiers
Rev.13T
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com