Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT807 Datasheet (PDF) - Power Semiconductors

AT807 Datasheet PDF - Power Semiconductors
Part # AT807
Download  AT807 Download
File Size   45.12 Kbytes
Page   4 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description PHASE CONTROL THYRISTOR

AT807 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT807 Datasheet PDF - Power Semiconductors

Part # AT807
Download  AT807 Click to download

File Size   45.12 Kbytes
Page   4 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description PHASE CONTROL THYRISTOR

AT807 Datasheet (HTML) - Power Semiconductors


AT807 Product details

Repetitive voltage up to              2400V

Mean on-state current                  835A

Surge current                             10kA




Similar Part No. - AT807

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
AT8025 YONGFUKANG-AT8025 Datasheet
483Kb / 10P
2X8W15W single chip 2.1 channel Class D amplifier
logo
ATMEL Corporation
AT80251G2D ATMEL-AT80251G2D Datasheet
1Mb / 76P
B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
AT80251G2D ATMEL-AT80251G2D Datasheet
1Mb / 77P
8/16-bit Microcontroller with Serial Communication Interfaces
AT80251G2D-3CSUM ATMEL-AT80251G2D-3CSUM Datasheet
1Mb / 76P
B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
AT80251G2D-3CSUM ATMEL-AT80251G2D-3CSUM Datasheet
1Mb / 77P
8/16-bit Microcontroller with Serial Communication Interfaces
More results


Similar Description - AT807

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com