Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3664 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADC3664 Datasheet PDF - Texas Instruments
Part # ADC3664
Download  ADC3664 Download
File Size   2325.53 Kbytes
Page   66 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC3664-SP Radiation-Hardness-Assured 14-Bit, Dual Channel, 1 to 125MSPS, Low Latency, Low Noise, Ultra-low Power, Analog-to-Digital Converter (ADC)

ADC3664 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC3664 Datasheet PDF - Texas Instruments

Part # ADC3664
Download  ADC3664 Click to download

File Size   2325.53 Kbytes
Page   66 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC3664-SP Radiation-Hardness-Assured 14-Bit, Dual Channel, 1 to 125MSPS, Low Latency, Low Noise, Ultra-low Power, Analog-to-Digital Converter (ADC)

ADC3664 Datasheet (HTML) - Texas Instruments


ADC3664 Product details

1 Features
• Screening and radiation performance
– QMLV screening and reliability assurance
– Total ionizing dose (TID): 300krad (Si)
– Single event latch-up (SEL): 75MeV-cm2/mg
• Ambient temperature range: -55°C to 105°C
• Dual Channel ADC
• 14-bit 125MSPS
• Noise floor: -156.9dBFS/Hz
• Low power consumption: 100mW/ch
• Latency: 2 clock cycles
• Clock rate versus voltage reference:
– External reference: 1MSPS to 125MSPS
– Internal reference: 100MSPS to 125MSPS
• 14-Bit, no missing codes
• Input bandwidth: 200MHz (-3dB)
• INL: ±2.6LSB; DNL: ±0.9LSB
• Optional digital down converter (DDC):
– Real or complex decimation
– Decimation by 2, 4, 8, 16, and 32
– 32-bit NCO
• Serial LVDS (SLVDS) interface (2-, 1-, and
1/2-wire)
• Spectral performance (FIN = 5MHz):
– SNR: 77.5dBFS
– SFDR: 84dBc HD2, HD3
– Non HD23: 91dBc

2 Applications
• Optical imaging payload
• Radar imaging payload
• Satellite communication payloads

3 Description
The ADC3664-SP is a low latency, low noise, and
ultra low power, 14-bit, 125MSPS, high-speed dual
channel ADC. Designed for best noise performance,
the device delivers a noise spectral density of –
156.9dBFS/Hz combined with excellent linearity and
dynamic range. The ADC3664-SP offers DC precision
together with IF sampling support to enable the
design of a wide range of applications. The low
latency architecture (as low as 1 clock cycle latency)
and high sample rate also enable high speed
control loops. The ADC consumes only 100mW/ch
at 125MSPS and the power consumption scales well
with sampling rate.
The device uses a serial LVDS (SLVDS) interface to
output the data which minimizes the number of digital
interconnects. The device also integrates a digital
down converter (DDC) to help reduce the data rate
and lower system power consumption. The device
is pin-to-pin compatible with the 18-bit, 65MSPS
ADC3683-SP. It comes in a 64-pin CFP package
(10.9mm x 10.9mm) and supports a temperature
range from –55°C to +105°C.




Similar Part No. - ADC3664

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3664 TI-ADC3664 Datasheet
4Mb / 71P
ADC3664 14-Bit, 125-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3664 TI-ADC3664 Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3664 TI-ADC3664 Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3664 TI-ADC3664 Datasheet
5Mb / 86P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3664 TI-ADC3664 Datasheet
5Mb / 86P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
More results


Similar Description - ADC3664

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS1232 BURR-BROWN-ADS1232 Datasheet
166Kb / 10P
Ultra Low-Noise, 24-Bit Analog-to-Digital Converter
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Linear Technology
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Frequency Devices, Inc.
VM8DAC FREQUENCYDEVICES-VM8DAC Datasheet
117Kb / 2P
Low Noise Digital to Analog Converter
logo
Texas Instruments
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Linear Technology
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Texas Instruments
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADC3664 TI-ADC3664 Datasheet
4Mb / 71P
ADC3664 14-Bit, 125-MSPS, Low-Noise, Low Power Dual Channel ADC
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com