Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7067IRTER Datasheet (PDF) - Texas Instruments

ADS7067IRTER Datasheet PDF - Texas Instruments
Part # ADS7067IRTER
Download  ADS7067IRTER Download
File Size   2385.21 Kbytes
Page   53 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS7067 Small, 8-Channel, 16-Bit, 800-kSPS SAR ADC With GPIOs

ADS7067IRTER Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7067IRTER Datasheet PDF - Texas Instruments

Part # ADS7067IRTER
Download  ADS7067IRTER Click to download

File Size   2385.21 Kbytes
Page   53 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS7067 Small, 8-Channel, 16-Bit, 800-kSPS SAR ADC With GPIOs

ADS7067IRTER Datasheet (HTML) - Texas Instruments


ADS7067IRTER Product details

1 Features
• Package options:
– 1.636mm × 1.636mm DSBGA and 3mm × 3mm
WQFN
– Space-saving, capless, 2.5V internal reference
• 8 channels configurable as any combination of:
– Up to 8 analog inputs, digital inputs, or digital
outputs
• Programmable averaging filters:
– Programmable sample size for averaging
– Averaging with internal conversions
– 20-bit resolution for average output
• Low-leakage multiplexer with channel sequencer:
– Manual mode
– On-the-fly mode
– Auto-sequence mode
• Excellent AC and DC performance:
– SNR: 90dB, THD: –100dB
– Improved SNR with programmable averaging
filters
– INL: ±1LSB, 16-bit no missing codes
– Internal calibration improves offset and drift
– High sample rate with no latency output:
800kSPS
• Wide operating range:
– ADC input range: 0V to VREF and 2 × VREF
– Analog supply: 3V to 5.5V
– Digital supply: 1.65V to 5.5V
– Temperature range: –40°C to +125°C
• Enhanced-SPI digital interface:
– High-speed, 60MHz SPI interface

2 Applications
• Optical modules
• Optical line cards
• Multiparameter patient monitors

3 Description
The ADS7067 is a small, 16-bit, 8-channel, highprecision
successive-approximation register (SAR)
analog-to-digital converter (ADC). The ADS7067 has
an integrated capless reference and a reference
buffer that helps reduce the overall solution size by
requiring fewer external components. The wafer-levelchip-
scale package and fewer external components
make this device designed for space-constrained
applications. The device family includes the ADS7067
(800kSPS) and the ADS7066 (250kSPS) speed
variants.
The ADS7067 features built-in offset calibration for
improved accuracy over wide operating conditions
of the system. The programmable averaging filters
enable higher resolution measurement. The eight
channels of the ADS7067 can be individually
configured as analog inputs, digital inputs, or digital
outputs that enable smaller system size and simplify
circuit design for mixed signal feedback and digital
control.
The enhanced-SPI enables the ADS7067 in achieving
high throughput at lower clock speeds, thereby
simplifying the board layout and lowering system cost.
The ADS7067 features a cyclic redundancy check
(CRC) for data read and write operations and the
power-up configuration.




Similar Part No. - ADS7067IRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7067IYBHR TI-ADS7067IYBHR Datasheet
2Mb / 47P
ADS7067 Small, 8-Channel, 16-Bit, 800-kSPS SAR ADC With GPIOs
OCTOBER 2021
ADS7067IYBHT TI-ADS7067IYBHT Datasheet
2Mb / 47P
ADS7067 Small, 8-Channel, 16-Bit, 800-kSPS SAR ADC With GPIOs
OCTOBER 2021
More results


Similar Description - ADS7067IRTER

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7674 AD-AD7674 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7674AST AD-AD7674AST Datasheet
983Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674 AD-AD7674_17 Datasheet
587Kb / 29P
18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
B
logo
Texas Instruments
ADS7066 TI1-ADS7066 Datasheet
808Kb / 38P
ADS7066 Small, 8-Channel, 16-Bit SAR ADC With GPIOs
ADS7066 TI1-ADS7066_V01 Datasheet
809Kb / 38P
ADS7066 Small, 8-Channel, 16-Bit SAR ADC With GPIOs
ADS7066 TI1-ADS7066_V02 Datasheet
1Mb / 45P
ADS7066 Small, 8-Channel, 16-Bit SAR ADC With GPIOs
ADS7067 TI-ADS7067 Datasheet
1Mb / 47P
ADS7067 Small, 8-Channel, 16-Bit, 800-kSPS SAR ADC With GPIOs
ADS7067 TI-ADS7067_V01 Datasheet
2Mb / 47P
ADS7067 Small, 8-Channel, 16-Bit, 800-kSPS SAR ADC With GPIOs
OCTOBER 2021
ADS7066 TI-ADS7066_V03 Datasheet
2Mb / 48P
ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs
REVISED MAY 2023
ADS7066 TI-ADS7066_V04 Datasheet
2Mb / 51P
ADS7066 Small, 8-Channel, 16-Bit, 250-kSPS SAR ADC With GPIOs
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com