Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136 Datasheet (PDF) - Texas Instruments

AMC0136 Datasheet PDF - Texas Instruments
Part # AMC0136_V01
Download  AMC0136 Download
File Size   1456.71 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock

AMC0136 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC0136 Datasheet PDF - Texas Instruments

Part # AMC0136_V01
Download  AMC0136 Click to download

File Size   1456.71 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock

AMC0136 Datasheet (HTML) - Texas Instruments


AMC0136 Product details

1 Features
• Linear input voltage range: ±1V
• High input impedance: 1GΩ (typical)
• Supply voltage range:
– High-side (AVDD): 3.0V to 5.5V
– Low-side (DVDD): 2.7V to 5.5V
• Low DC errors:
– Offset error: ±0.9mV (maximum)
– Offset drift: 8.5μV/°C (maximum)
– Gain error: ±0.25% (maximum)
– Gain drift: ±35ppm/°C (maximum)
• High CMTI: 150V/ns (minimum)
• Missing high-side supply detection
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Functional Isolation:
– 200VRMS, 280VDC working voltage
– 570VRMS, 800VDC transient overvoltage (60s)
• Safety-related certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• 48V motor drives
• 48V frequency inverters
• Analog input modules
• Power supplies

3 Description
The AMC0136 is a precision, galvanically isolated
delta-sigma (ΔΣ) modulator with a ±1V, high
impedance input and external clock. The highimpedance
input is optimized for connection to highimpedance
resistive dividers or other voltage signal
sources with high output resistance.
The isolation barrier separates parts of the system
that operate on different common-mode voltage
levels. The isolation barrier supports a working
voltage up to 200VRMS / 280VDC and transient
overvoltages up to 570VRMS / 800VDC.
With a small package size and high input impedance,
the AMC0136 is designed for high accuracy, isolated
voltage sensing in space-constrained applications.
The output bitstream of the AMC0136 is synchronized
to an external clock. Combined with a sinc3, OSR
256 filter, the device achieves 14.8 effective bits of
resolution or 89dB of dynamic range, at a sample rate
of 39kSPS.
The AMC0136 is available in a 8-pin, 0.65mm
pitch VSON package and is fully specified over the
temperature range from –40°C to +125°C.




Similar Part No. - AMC0136_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0136 TI1-AMC0136 Datasheet
1Mb / 25P
AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
AUGUST 2024
More results


Similar Description - AMC0136_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
AD7400 AD-AD7400_06 Datasheet
444Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
Isolated Sigma-Delta Modulator
Rev. PrA
AD7401A AD-AD7401A Datasheet
436Kb / 20P
Isolated Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
Isolated Sigma-Delta Modulator
Rev. F
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com