Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1462A Datasheet (PDF) - Semtech Corporation

SC1462A Datasheet PDF - Semtech Corporation
Part # SC1462A
Download  SC1462A Download
File Size   182.08 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Efficency Charge Pump Doubler

SC1462A Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1462A Datasheet PDF - Semtech Corporation

Part # SC1462A
Download  SC1462A Click to download

File Size   182.08 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Efficency Charge Pump Doubler

SC1462A Datasheet (HTML) - Semtech Corporation


SC1462A Product details

Description
The SC1462A is a versatile charge pump designed for use in battery operated power supply applications over the wide input range of 1.65 to 5.5 volts. A simple, low quiescent current charge pump doubler can be implemented without costly inductors or capacitors. Internal MOSFETs and control circuitry eliminate the need for costly board space and design time. The small 6 lead SOT-23 package helps minimize board space.

Features
◆ Input supply voltage range of 1.65V to 5.5V
◆ Small size - 6 pin SOT-23 package
◆ Typical efficiency of :
    91% @ VIN = 2.5V, IOUT = 15mA
◆ Short circuit and over-temperature protection
◆ 140μA typical input current @ no load
◆ Shutdown current <1μA
◆ Designed to work with ceramic or tantalum capacitors
◆ Fixed frequency of 32kHz
◆ All specifications rated over full temperature range (-40°C to 85°C)

Applications
◆ Cellular phones
◆ Handheld devices
◆ LCD Display




Similar Part No. - SC1462A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1462 SEMTECH-SC1462 Datasheet
95Kb / 9P
HIGH OUTPUT CURRENT CHARGE PUMP DOUBLER
SC1462 SEMTECH-SC1462 Datasheet
221Kb / 10P
High Output Current Charge Pump Doubler
SC1462ISKTR SEMTECH-SC1462ISKTR Datasheet
95Kb / 9P
HIGH OUTPUT CURRENT CHARGE PUMP DOUBLER
SC1462ISKTR SEMTECH-SC1462ISKTR Datasheet
221Kb / 10P
High Output Current Charge Pump Doubler
SC1462ISKTRT SEMTECH-SC1462ISKTRT Datasheet
221Kb / 10P
High Output Current Charge Pump Doubler
More results


Similar Description - SC1462A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1462 SEMTECH-SC1462 Datasheet
95Kb / 9P
HIGH OUTPUT CURRENT CHARGE PUMP DOUBLER
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
Charge Pump Doubler with Linear Regulator
logo
Semtech Corporation
SC1462 SEMTECH-SC1462_05 Datasheet
221Kb / 10P
High Output Current Charge Pump Doubler
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
Charge Pump Doubler with Linear Regulator
logo
New Japan Radio
NJW4190 NJRC-NJW4190 Datasheet
165Kb / 2P
Doubler/Invert Charge Pump IC
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
Doubler Charge Pump IC
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com