Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5815 Datasheet (PDF) - Texas Instruments

TAS5815 Datasheet PDF - Texas Instruments
Part # TAS5815
Download  TAS5815 Download
File Size   3868.83 Kbytes
Page   123 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TAS5815 30-W, Digital Input, Stereo, Closed-loop Class-D Audio Amplifier with 96 kHz Enhanced Processing

TAS5815 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5815 Datasheet PDF - Texas Instruments

Part # TAS5815
Download  TAS5815 Click to download

File Size   3868.83 Kbytes
Page   123 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TAS5815 30-W, Digital Input, Stereo, Closed-loop Class-D Audio Amplifier with 96 kHz Enhanced Processing

TAS5815 Datasheet (HTML) - Texas Instruments


TAS5815 Product details

1 Features
• Support multiple output configurations
– 2 × 30W in 2.0 mode (6Ω, 21V, THD+N=1%)
– 58W in Mono mode (3Ω, 21V, THD+N=1%)
• Excellent audio performance:
– THD+N ≤ 0.03% at 1W, 1kHz, PVDD = 12V
– SNR ≥ 110dB (A-weighted), ICN ≤ 45μVRMS
• Efficient class-D operation:
– > 90% Power efficiency, 120mΩ RDS(on)
• Flexible power supply configurations
– PVDD: 4.5V to 26.4V
– DVDD and I/O: 1.8V or 3.3V
• Flexible audio I/O:
– Supports 32, 44.1, 48, 88.2, 96kHz sample
rates
– I2S, LJ, RJ, TDM
– SDOUT for audio monitoring, sub-channel or
echo cancellation
– Support 3-wire digital audio interface (no MCLK
required)
– Supports stereo bridge-tied or mono parallel
bridge-tied loads (BTL and PBTL)
– Supports 8 steps Class-H DC-DC control.
• Enhanced audio processing:
– Sample rate convertor
– 96kHz processor sampling
– DC blocking, 2 ×15 BQs, DPEQ, THD manager
– 4th Order 2-band DRC + AGL
– Over temperature fold back
– 8 Class-H DC-DC control steps with 2.5ms look
ahead buffer for BTL mode and 5ms for PBTL
mode at 48k sample rate.
• Excellent integrated self-protection:
– Over-current error (OCE)
– Over-temperature warning (OTW)
– Over-temperature error (OTE)
– Under or over-voltage lock-out (UVLO/OVLO)
• Easy system integration
– I2C Software Control
– Reduced solution size
• Less passives required compare to open
loop devices
• Ultra low EMI with latest EMI technology
• No large inductors required for most
applications

2 Applications
• Sounds bars, PC audio
• Wireless, Bluetooth speakers
• DTV, HDTV, UHD and multi-purpose monitors

3 Description
The TAS5815 is a high efficiency digital input Class-
D audio amplifier with integrated audio processor
with up to 96kHz architecture, adaptive modulation
schemes based on output power and low RDS(on)=
120mΩ. It also supports DPEQ process for easy
tuning.
The DPEQ is used to mix the audio signals through
two signal paths (low level and high level). These 2
paths are used with separate equalization properties.
A third path monitors the incoming audio and
determines the thresholds and mixing characteristics
between these two parts. Thus, the mix between the
two high- and low-level channels is dynamic in nature
and depends on the incoming audio.
The high-performance closed loop architecture and
wide-switching frequency range reduces the solution
size by reducing passive components and minimize
the inductor size in most applications. TAS5815 has
an integrated audio processor with up to 96kHz
architecture support advanced process flow. The
device has an integrated a proprietary algorithm
called Class-H. The Class-H algorithm detects the
upcoming audio power demand and provides a PWM
control signal for the former DC-DC converter via
the feedback pin (FB). This feature used to increase
the system-level efficiency and reduce total power
consumption. The TAS5815 supports up to 2.5ms of
delay buffer to look ahead at the audio signal and
prevents audio clipping distortion.
This device also supports speaker load open/short
detection and report detection result with register
report.




Similar Part No. - TAS5815

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5815 TI2-TAS5815 Datasheet
3Mb / 106P
TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
REVISED AUGUST 2025
More results


Similar Description - TAS5815

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
TAS5780M TI1-TAS5780M Datasheet
2Mb / 204P
Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
TAS5782M TI1-TAS5782M Datasheet
2Mb / 128P
30 W Stereo Class-D Amplifier with 96-kHz Processing
TAS5825M TI1-TAS5825M Datasheet
883Kb / 71P
4.5 V to 26.4 V, 38-W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96-kHz/192-kHz Extended Audio Processing
TAS5805M TI1-TAS5805M Datasheet
1Mb / 88P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805M TI1-TAS5805M_18 Datasheet
2Mb / 86P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5806M TI1-TAS5806M Datasheet
2Mb / 91P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Power Dissipation
TAS5806MD TI1-TAS5806MD Datasheet
2Mb / 95P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and DirectPathTM HP Driver
TAS5822M TI-TAS5822M Datasheet
3Mb / 90P
TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com