Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7801 Datasheet (PDF) - Supertex, Inc

HV7801 Datasheet PDF - Supertex, Inc
Part # HV7801
Download  HV7801 Download
File Size   504.84 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Side Current Monitor

HV7801 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV7801 Datasheet PDF - Supertex, Inc

Part # HV7801
Download  HV7801 Click to download

File Size   504.84 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Side Current Monitor

HV7801 Datasheet (HTML) - Supertex, Inc


HV7801 Product details

General Description

The HV7801 high side current monitor IC transfers a high side current measurement voltage to its ground referenced output with an accurate voltage gain of fi ve. The measurement voltage typically originates at a current sense resistor which is located in a “high side” circuit, such as the positive supply line.



Features

Supply voltage 8V to 450V

Voltage output device

Typical gain 5±1%

Max VSENSE 500mV

Fast rise and fall times, 700ns to 2µs

Maximum quiescent current 50µA



Applications

SMPS current monitor

Battery current monitor

Motor control



 




Similar Part No. - HV7801

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
404Kb / 5P
High Side Current Monitor
HV7801K1-G SUTEX-HV7801K1-G Datasheet
545Kb / 5P
High Side Current Monitor 8.0 to 450V Voltage Gain of 5
HV7801 SUTEX-HV7801_13 Datasheet
545Kb / 5P
High Side Current Monitor 8.0 to 450V Voltage Gain of 5
More results


Similar Description - HV7801

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009_05 Datasheet
851Kb / 8P
HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009_07 Datasheet
241Kb / 9P
HIGH-SIDE CURRENT MONITOR
logo
Agamem Microelectronic ...
AA1850 AGAMEM-AA1850 Datasheet
157Kb / 6P
HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
Supertex, Inc
HV816K6-G SUTEX-HV816K6-G Datasheet
404Kb / 5P
High Side Current Monitor
logo
Unisonic Technologies
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848 IXYS-IXI848 Datasheet
235Kb / 5P
High-Side Current Monitor
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
High-Side Current Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com