Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R32 Datasheet (PDF) - Holtek Semiconductor Inc

HT46R32 Datasheet PDF - Holtek Semiconductor Inc
Part # HT46R32
Download  HT46R32 Download
File Size   304.22 Kbytes
Page   43 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D Type 8-Bit OTP MCU with OPA

HT46R32 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46R32 Datasheet PDF - Holtek Semiconductor Inc

Part # HT46R32
Download  HT46R32 Click to download

File Size   304.22 Kbytes
Page   43 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D Type 8-Bit OTP MCU with OPA

HT46R32 Datasheet (HTML) - Holtek Semiconductor Inc


HT46R32 Product details

General Description
The HT46R32 and HT46R34 are 8-bit, high performance, RISC architecture microcontroller devices. With their fully integrated A/D converter they are especially suitable for applications which interface to analog signals, such as those from sensors. The addition of an internal operational amplifier/comparator and PWM modulation functions further adds to the analog capability of these devices.

Features
• Operating voltage:
    fSYS=4MHz: 2.2V~5.5V
    fSYS=8MHz: 3.3V~5.5V
• 20 bidirectional I/O lines (max.)
• Single interrupt input shared with an I/O line
• 8-bit programmable timer/event counter with overflow interrupt and 7-stage prescaler
• Integrated crystal and RC oscillator
• Watchdog Timer
• 204814 Program Memory capacity - HT46R32 409615 Program Memory capacity - HT46R34
• 888 Data Memory capacity - HT46R32 1928 Data Memory capacity - HT46R34
• Integrated PFD function for sound generation
• Power-down and wake-up functions reduce power consumption
• Up to 0.5s instruction cycle with 8MHz system clock at VDD=5V
• 6-level subroutine nesting
• 4 channel 12-bit resolution A/D converter
• Integrated single operational amplifier or comparator selectable via configuration option
• Dual 8-bit PWM outputs shared with I/O lines
• Bit manipulation instruction
• Full table read instruction
• 63 powerful instructions
• All instructions executed in one or two machine cycles
• Low voltage reset function
• 28-pin SKDIP/SOP/SSOP package




Similar Part No. - HT46R32

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R321 HOLTEK-HT46R321 Datasheet
294Kb / 45P
A/D Type 8-Bit OTP MCU with OPA and 8x4 LED Driver
August 3, 2007
HT46R322 HOLTEK-HT46R322 Datasheet
305Kb / 40P
A/D with OPA Type 8-Bit OTP MCU
December 21, 2006
More results


Similar Description - HT46R32

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R322 HOLTEK-HT46R322 Datasheet
305Kb / 40P
A/D with OPA Type 8-Bit OTP MCU
December 21, 2006
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R321 HOLTEK-HT46R321 Datasheet
294Kb / 45P
A/D Type 8-Bit OTP MCU with OPA and 8x4 LED Driver
August 3, 2007
HT46R343 HOLTEK-HT46R343 Datasheet
295Kb / 40P
A/D Type 8-Bit OTP MCU with OPA and 8x8 LED Driver
October 11, 2007
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
Enhanced I/O Type 8-bit OTP MCU with OPA
HT46R064G HOLTEK-HT46R064G Datasheet
787Kb / 136P
Enhanced A/D Type 8-Bit OTP MCU with OPA
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com