Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1541 Datasheet (PDF) - Semtech Corporation

SC1541 Datasheet PDF - Semtech Corporation
Part # SC1541
Download  SC1541 Download
File Size   168.71 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1.0A Low Dropout Voltage Regulator with Enable

SC1541 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1541 Datasheet PDF - Semtech Corporation

Part # SC1541
Download  SC1541 Click to download

File Size   168.71 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1.0A Low Dropout Voltage Regulator with Enable

SC1541 Datasheet (HTML) - Semtech Corporation


SC1541 Product details

Description

The SC1541 is a high performance low dropout positive voltage regulator designed for use in applications where power management is critical, such as battery powered systems.



Features

  Low dropout performance, 1.3V max

  Full current rating over line and temperature

  Fast transient response

  +2% total output regulation over line, load and temperature

  10µA max. quiescent current in shutdown

  Three fixed output voltages

  Line regulation 0.2% max.

  Load regulation 0.4% max.

  SO-8 and TO-263 packages



Applications

  Low voltage microcontrollers

  Switching power supply post-regulation

  Instantly available circuits

  Motherboards

  Battery operated equipment



 




Similar Part No. - SC1541

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1541 SEMTECH-SC1541 Datasheet
162Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
SC1541CM-X.X.TR SEMTECH-SC1541CM-X.X.TR Datasheet
162Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
SC1541CM-X.X.TRT SEMTECH-SC1541CM-X.X.TRT Datasheet
162Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
SC1541CS-X.X.TR SEMTECH-SC1541CS-X.X.TR Datasheet
162Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
SC1541CS-X.X.TRT SEMTECH-SC1541CS-X.X.TRT Datasheet
162Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
More results


Similar Description - SC1541

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
300mA CMOS Low Dropout Voltage Regulator with Enable
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
80mA CMOS Low Dropout Voltage Regulator with Enable
TS9010 TSC-TS9010 Datasheet
97Kb / 4P
150mA CMOS Low Dropout Voltage Regulator with Enable
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
Ultra-Low Dropout 500mA Voltage Regulator with Enable
Revision 2.1 January 22, 2007
BQ8211 ACUTECH-BQ8211 Datasheet
624Kb / 9P
Low Dropout 300mA Voltage Regulator with Enable
Revision 1.3 September 13, 2006
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218 Datasheet
389Kb / 7P
800mA Ultra Low Dropout Voltage Regulator with Enable
logo
Semtech Corporation
SC1541 SEMTECH-SC1541_09 Datasheet
162Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
800mA Ultra Low Dropout Voltage Regulator with Enable
logo
ON Semiconductor
NCV4266 ONSEMI-NCV4266 Datasheet
122Kb / 11P
150 mA Low-Dropout Voltage Regulator with Enable
June, 2012 ??Rev. 2
NCP706 ONSEMI-NCP706_16 Datasheet
621Kb / 16P
Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com