Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF444 Datasheet (PDF) - SYC Electronica

LF444 Datasheet PDF - SYC Electronica
Part # LF444
Download  LF444 Download
File Size   445.49 Kbytes
Page   12 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad Low Power JFET Input Operational Amplifier

LF444 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF444 Datasheet PDF - SYC Electronica

Part # LF444
Download  LF444 Click to download

File Size   445.49 Kbytes
Page   12 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad Low Power JFET Input Operational Amplifier

LF444 Datasheet (HTML) - SYC Electronica


LF444 Product details

Features
n 1⁄4 supply current of a LM148: 200 μA/Amplifier (max)
n Low input bias current: 50 pA (max)
n High gain bandwidth: 1 MHz
n High slew rate: 1 V/μs
n Low noise voltage for low power
n Low input noise current
n High input impedance: 1012Ω
n High gain: 50k (min)




Similar Part No. - LF444

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF444 NSC-LF444 Datasheet
359Kb / 10P
Quad Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF444 TI2-LF444 Datasheet
924Kb / 21P
LF444 Quad Low Power JFET Input Operational Amplifier
REVISED MARCH 2013
LF444-DIE TI1-LF444-DIE Datasheet
99Kb / 5P
Quad Low Power JFET Input Operational Amplifier
LF444883 TI1-LF444883 Datasheet
341Kb / 16P
LF444QML Quad Low Power JFET Input Operational Amplifier
logo
National Semiconductor ...
LF444ACN NSC-LF444ACN Datasheet
359Kb / 10P
Quad Low Power JFET Input Operational Amplifier
More results


Similar Description - LF444

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF442 NSC-LF442 Datasheet
440Kb / 12P
Dual Low Power JFET Input Operational Amplifier
LF444 NSC-LF444 Datasheet
359Kb / 10P
Quad Low Power JFET Input Operational Amplifier
logo
NTE Electronics
NTE859 NTE-NTE859 Datasheet
30Kb / 3P
Integrated Circuit Quad, Low Noise, JFET Input Operational Amplifier
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064_07 Datasheet
248Kb / 14P
Low power JFET quad operational amplifier
25-Jul-2007
logo
Texas Instruments
LF444QML TI1-LF444QML Datasheet
341Kb / 16P
LF444QML Quad Low Power JFET Input Operational Amplifier
logo
National Semiconductor ...
LF444QML NSC-LF444QML Datasheet
636Kb / 15P
LF444QML Quad Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF442 TI1-LF442 Datasheet
987Kb / 24P
Dual Low Power JFET Input Operational Amplifier
LF444-DIE TI1-LF444-DIE Datasheet
99Kb / 5P
Quad Low Power JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com