Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3046 Datasheet (PDF) - SYC Electronica

LM3046 Datasheet PDF - SYC Electronica
Part # LM3046
Download  LM3046 Download
File Size   640.04 Kbytes
Page   7 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Transistor Array

LM3046 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3046 Datasheet PDF - SYC Electronica

Part # LM3046
Download  LM3046 Click to download

File Size   640.04 Kbytes
Page   7 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Transistor Array

LM3046 Datasheet (HTML) - SYC Electronica


LM3046 Product details

General Description
The LM3046 consists of five general purpose silicon NPN
transistors on a common monolithic substrate. Two of the
transistors are internally connected to form a differentiallyconnected
pair. The transistors are well suited to a wide
variety of applications in low power system in the DC through
VHF range. They may be used as discrete transistors in
conventional circuits however, in addition, they provide the
very significant inherent integrated circuit advantages of
close electrical and thermal matching. The LM3046 is supplied
in a 14-lead molded small outline package.

Features
n Two matched pairs of transistors
VBE matched ±5 mV
Input offset current 2 μA max at IC = 1 mA
n Five general purpose monolithic transistors
n Operation from DC to 120 MHz
n Wide operating current range
n Low noise figure: 3.2 dB typ at 1 kHz
Applications
n General use in all types of signal processing systems
operating anywhere in the frequency range from DC to
VHF
n Custom designed differential amplifiers
n Temperature compensated amplifiers




Similar Part No. - LM3046

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3046 NSC-LM3046 Datasheet
179Kb / 6P
LM3045/LM3046/LM3086 Transistor Arrays
LM3046 NSC-LM3046 Datasheet
197Kb / 6P
Transistor Array
logo
Texas Instruments
LM3046 TI1-LM3046 Datasheet
892Kb / 13P
Transistor Array
logo
National Semiconductor ...
LM3046M NSC-LM3046M Datasheet
179Kb / 6P
LM3045/LM3046/LM3086 Transistor Arrays
LM3046M NSC-LM3046M Datasheet
197Kb / 6P
Transistor Array
More results


Similar Description - LM3046

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3046 NSC-LM3046 Datasheet
197Kb / 6P
Transistor Array
logo
Rohm
BA6254FS ROHM-BA6254FS Datasheet
62Kb / 4P
PNP transistor array
logo
Sanken electric
STA461C SANKEN-STA461C Datasheet
22Kb / 1P
Power Transistor Array
logo
Sanyo Semicon Device
LB1287 SANYO-LB1287 Datasheet
76Kb / 3P
Darlington Transistor Array
logo
Diodes Incorporated
CTA2N1P DIODES-CTA2N1P Datasheet
61Kb / 3P
COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
logo
List of Unclassifed Man...
ULN-2086A ETC1-ULN-2086A Datasheet
68Kb / 1P
TRANSISTOR ARRAY
logo
NEC
UPA80C NEC-UPA80C Datasheet
327Kb / 2P
TRANSISTOR ARRAY
logo
Texas Instruments
LM3046 TI1-LM3046 Datasheet
892Kb / 13P
Transistor Array
logo
Silicon Supplies
SIS3045 SS-SIS3045 Datasheet
1Mb / 7P
Monolithic Transistor Array
logo
JSC ALFA.
AS3046 ALFA-AS3046 Datasheet
431Kb / 2P
NPN Transistor Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com