Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3900 Datasheet (PDF) - SYC Electronica

LM3900 Datasheet PDF - SYC Electronica
Part # LM3900
Download  LM3900 Download
File Size   345.25 Kbytes
Page   20 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description LM2900/LM3900/LM3301 Quad Amplifiers

LM3900 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3900 Datasheet PDF - SYC Electronica

Part # LM3900
Download  LM3900 Click to download

File Size   345.25 Kbytes
Page   20 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description LM2900/LM3900/LM3301 Quad Amplifiers

LM3900 Datasheet (HTML) - SYC Electronica


LM3900 Product details

General Description
The LM2900 series consists of four independent, dual input,
internally compensated amplifiers which were designed
specifically to operate off of a single power supply voltage
and to provide a large output voltage swing. These amplifiers
make use of a current mirror to achieve the non-inverting
input function. Application areas include: ac amplifiers,
RC active filters, low frequency triangle, squarewave and
pulse waveform generation circuits, tachometers and low
speed, high voltage digital logic gates.

Features
Y Wide single supply voltage 4 VDC to 32 VDC
Range or dual supplies g2 VDC to g16 VDC
Y Supply current drain independent of supply voltage
Y Low input biasing current 30 nA
Y High open-loop gain 70 dB
Y Wide bandwidth 2.5 MHz (unity gain)
Y Large output voltage swing (Va b 1) Vp-p
Y Internally frequency compensated for unity gain
Y Output short-circuit protection




Similar Part No. - LM3900

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM3900 MOTOROLA-LM3900 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM3900 TI-LM3900 Datasheet
618Kb / 16P
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM3900 TI-LM3900 Datasheet
618Kb / 16P
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM3900 TI1-LM3900 Datasheet
491Kb / 26P
Quad Amplifiers
LM3900 TI2-LM3900 Datasheet
519Kb / 17P
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
REVISED SEPTEMBER 1990
More results


Similar Description - LM3900

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2900 NSC-LM2900 Datasheet
323Kb / 20P
LM2900/LM3900/LM3301 Quad Amplifiers
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
Quad Operational Amplifiers
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324 Datasheet
111Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2005
logo
GTM CORPORATION
GHLM324 GTM-GHLM324 Datasheet
421Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324_1111 UTC-LM324_1111 Datasheet
208Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2011
logo
Texas Instruments
LM2900-N TI1-LM2900-N Datasheet
491Kb / 26P
Quad Amplifiers
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
Unisonic Technologies
LM2058 UTC-LM2058 Datasheet
249Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
LM324 UTC-LM324_17 Datasheet
193Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com