Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP177GP Datasheet (PDF) - SYC Electronica

OP177GP Datasheet PDF - SYC Electronica
Part # OP177GP
Download  OP177GP Download
File Size   621.8 Kbytes
Page   11 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Ultraprecision Operational Amplifier

OP177GP Datasheet (PDF)

Go To PDF Page Download Datasheet
OP177GP Datasheet PDF - SYC Electronica

Part # OP177GP
Download  OP177GP Click to download

File Size   621.8 Kbytes
Page   11 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Ultraprecision Operational Amplifier

OP177GP Datasheet (HTML) - SYC Electronica


OP177GP Product details

FEATURES
Ultralow Offset Voltage:
TA = +258C: 10 mV max
–558C £ TA £ +1258C: 20 mV max
Outstanding Offset Voltage Drift: 0.1 mV/8C max
Excellent Open-Loop Gain and Gain Linearity:
12 V/mV typ
CMRR: 130 dB min
PSRR: 120 dB min
Low Supply Current: 2.0 mA max
Fits Industry Standard Precision Op Amp Sockets
(OP07/OP77)




Similar Part No. - OP177GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP177GP AD-OP177GP Datasheet
788Kb / 12P
Ultraprecision Operational Amplifier
REV.B
OP177GP AD-OP177GP Datasheet
337Kb / 16P
Ultraprecision Operational Amplifier
5/06-Rev. D to Rev. E
OP177GPZ AD-OP177GPZ Datasheet
337Kb / 16P
Ultraprecision Operational Amplifier
5/06-Rev. D to Rev. E
OP177GPZ AD-OP177GPZ Datasheet
348Kb / 16P
Ultraprecision Operational Amplifier
Rev. H
More results


Similar Description - OP177GP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Analog Devices
OP177 AD-OP177 Datasheet
788Kb / 12P
Ultraprecision Operational Amplifier
REV.B
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
logo
Analog Devices
OP177 AD-OP177_06 Datasheet
337Kb / 16P
Ultraprecision Operational Amplifier
5/06-Rev. D to Rev. E
logo
Linear Technology
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Analog Devices
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
Ultraprecision, Low Noise Voltage References
Rev. J
OP177 AD-OP177_15 Datasheet
332Kb / 16P
Ultraprecision Operational Amplifier
Rev. G
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com