Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC4136 Datasheet (PDF) - SYC Electronica

RC4136 Datasheet PDF - SYC Electronica
Part # RC4136
Download  RC4136 Download
File Size   122.24 Kbytes
Page   4 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS

RC4136 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC4136 Datasheet PDF - SYC Electronica

Part # RC4136
Download  RC4136 Click to download

File Size   122.24 Kbytes
Page   4 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS

RC4136 Datasheet (HTML) - SYC Electronica


RC4136 Product details

description
The RC4136, RM4136, and RV4136 are quad
general-purpose operational amplifiers, with each
amplifier electrically similar to the μA741, except
that offset null capability is not provided.
The high common-mode input voltage range and
the absence of latch-up make these amplifiers
ideal for voltage-follower applications. The
devices are short-circuit protected and the
internal frequency compensation ensures stability
without external components.
The RC4136 is characterized for operation from
0°C to 70°C, the RM4136 is characterized for
operation over the full military temperature range
of –55°C to 125°C, and the RV4136 is
characterized for operation from –40°C to 85°C.

description
The RC4136, RM4136, and RV4136 are quad
general-purpose operational amplifiers, with each
amplifier electrically similar to the μA741, except
that offset null capability is not provided.
The high common-mode input voltage range and
the absence of latch-up make these amplifiers
ideal for voltage-follower applications. The
devices are short-circuit protected and the
internal frequency compensation ensures stability
without external components.
The RC4136 is characterized for operation from
0°C to 70°C, the RM4136 is characterized for
operation over the full military temperature range
of –55°C to 125°C, and the RV4136 is
characterized for operation from –40°C to 85°C.




Similar Part No. - RC4136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4136 TI-RC4136 Datasheet
83Kb / 5P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI-RC4136 Datasheet
295Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI-RC4136 Datasheet
217Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI2-RC4136 Datasheet
246Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2002
RC4136D TI-RC4136D Datasheet
83Kb / 5P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Similar Description - RC4136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4136 TI-RC4136 Datasheet
83Kb / 5P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA709C TI-UA709C Datasheet
93Kb / 6P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741 Datasheet
423Kb / 19P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
RC4136 TI-RC4136_07 Datasheet
295Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Texas Instruments
UA741MU TI-UA741MU Datasheet
1Mb / 23P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136J TI-RC4136J Datasheet
217Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
General Purpose Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com