Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C30-1 Datasheet (PDF) - Holtek Semiconductor Inc

HT48C30-1 Datasheet PDF - Holtek Semiconductor Inc
Part # HT48C30-1
Download  HT48C30-1 Download
File Size   297.04 Kbytes
Page   40 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description I/O Type 8-Bit MCU

HT48C30-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48C30-1 Datasheet PDF - Holtek Semiconductor Inc

Part # HT48C30-1
Download  HT48C30-1 Click to download

File Size   297.04 Kbytes
Page   40 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description I/O Type 8-Bit MCU

HT48C30-1 Datasheet (HTML) - Holtek Semiconductor Inc


HT48C30-1 Product details

General Description

The HT48R30A-1/HT48C30-1 are 8-bit high performance, RISC architecture microcontroller devices specifically designed for multiple I/O control product applications. The mask version HT48C30-1 is fully pin and functionally compatible with the OTP version HT48R30A-1 device.



Features

Operating voltage:

  fSYS=4MHz: 2.2V~5.5V

  fSYS=8MHz: 3.3V~5.5V

Low voltage reset function

25 bidirectional I/O lines (max.)

1 interrupt input shared with an I/O line

8-bit programmable timer/event counter with overflow interrupt and 8-stage prescaler

On-chip RC oscillator, external crystal and RC oscillator

32768Hz crystal oscillator for timing purposes only

Watchdog Timer

204814 program memory ROM

968 data memory RAM

Buzzer driving pair and PFD supported

HALT function and wake-up feature reduce power consumption

4-level subroutine nesting

Up to 0.5s instruction cycle with 8MHz system clock at VDD=5V

Bit manipulation instruction

14-bit table read instruction

63 powerful instructions

All instructions in one or two machine cycles

24/28-pin SKDIP/SOP package




Similar Part No. - HT48C30-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48C30-1 HOLTEK-HT48C30-1_09 Datasheet
269Kb / 39P
I/O Type 8-Bit MCU
More results


Similar Description - HT48C30-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R70A-1 HOLTEK-HT48R70A-1 Datasheet
273Kb / 40P
I/O Type 8-Bit MCU
June 9, 2004
HT48R10A-1 HOLTEK-HT48R10A-1 Datasheet
263Kb / 38P
I/O Type 8-Bit MCU
November 4, 2005
HT48R50A-1 HOLTEK-HT48R50A-1 Datasheet
307Kb / 41P
I/O Type 8-Bit MCU
March 8, 2006
HT48RU80 HOLTEK-HT48RU80 Datasheet
448Kb / 54P
I/O Type 8-Bit MCU
April 12, 2006
HT48R52 HOLTEK-HT48R52 Datasheet
269Kb / 35P
I/O Type 8-Bit MCU
December 6, 2005
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
I/O Type 8-Bit MCU
August 7, 2007
HT82K70E-L HOLTEK-HT82K70E-L_11 Datasheet
397Kb / 59P
I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1_09 Datasheet
269Kb / 39P
I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1_09 Datasheet
280Kb / 39P
I/O Type 8-Bit MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com