Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM41 Datasheet (PDF) - Ashcroft, Inc.

KM41 Datasheet PDF - Ashcroft, Inc.
Part # KM41
Download  KM41 Download
File Size   320.82 Kbytes
Page   1 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description KM41, KM45 OEM Pressure Transducers

KM41 Datasheet (PDF)

Go To PDF Page Download Datasheet
KM41 Datasheet PDF - Ashcroft, Inc.

Part # KM41
Download  KM41 Click to download

File Size   320.82 Kbytes
Page   1 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description KM41, KM45 OEM Pressure Transducers

KM41 Datasheet (HTML) - Ashcroft, Inc.


KM41 Product details

FEATURES
Broad temperature capability
All-welded stainless steel pressure construction
Stainless steel housing
High EMI/RFI rating
Ranges vacuum through 20,000 psi
IP67 Ingress rating (IP69K available)
Wide selection of electrical and process connections available
Customizable configurations




Similar Part No. - KM41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KM410 ETC-KM410 Datasheet
174Kb / 1P
Accessoriesa
logo
Fairchild Semiconductor
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IC8 FAIRCHILD-KM4100IC8 Datasheet
333Kb / 11P
Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IC8TR3 FAIRCHILD-KM4100IC8TR3 Datasheet
333Kb / 11P
Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IT5 FAIRCHILD-KM4100IT5 Datasheet
333Kb / 11P
Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
More results


Similar Description - KM41

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM8250G4CXS SENSORTECHNICS-CTEM8250G4CXS Datasheet
75Kb / 4P
OEM submersible pressure transducers
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
OEM stainless steel submersible pressure transducers
KTEM6250G4CXS SENSORTECHNICS-KTEM6250G4CXS Datasheet
95Kb / 4P
OEM submersible pressure transducers
logo
Copal Electronics
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
PRESSURE TRANSDUCERS
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
PRESSURE TRANSDUCERS
P-8300 COPAL-P-8300 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
PRESSURE TRANSDUCERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com