Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS47 Datasheet (PDF) - SYC Electronica

74LS47 Datasheet PDF - SYC Electronica
Part # 74LS47
Download  74LS47 Download
File Size   122.95 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description BCD to 7-Segment Decoder/Driver with Open-Collector Outputs

74LS47 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LS47 Datasheet PDF - SYC Electronica

Part # 74LS47
Download  74LS47 Click to download

File Size   122.95 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description BCD to 7-Segment Decoder/Driver with Open-Collector Outputs

74LS47 Datasheet (HTML) - SYC Electronica


74LS47 Product details

General Description
The DM74LS47 accepts four lines of BCD (8421) input
data, generates their complements internally and decodes
the data with seven AND/OR gates having open-collector
outputs to drive indicator segments directly. Each segment
output is guaranteed to sink 24 mA in the ON (LOW) state
and withstand 15V in the OFF (HIGH) state with a maximum
leakage current of 250 mA. Auxiliary inputs provided
blanking, lamp test and cascadable zero-suppression functions.

Features
n Open-collector outputs
n Drive indicator segments directly
n Cascadable zero-suppression capability
n Lamp test input




Similar Part No. - 74LS47

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LS47 FAIRCHILD-74LS47 Datasheet
67Kb / 6P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
ON Semiconductor
74LS47D ONSEMI-74LS47D Datasheet
132Kb / 8P
BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS47DE4 TI1-74LS47DE4 Datasheet
583Kb / 14P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
ON Semiconductor
74LS47N ONSEMI-74LS47N Datasheet
132Kb / 8P
BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
More results


Similar Description - 74LS47

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47 Datasheet
67Kb / 6P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
DM9370 FAIRCHILD-DM9370 Datasheet
58Kb / 5P
7-Segment Decoder/Driver/Latch with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74LS49 HITACHI-HD74LS49 Datasheet
66Kb / 5P
BCD-to-Seven Segment Decoder Driver(with Open collector outputs)
logo
Fairchild Semiconductor
DM74LS247 FAIRCHILD-DM74LS247 Datasheet
81Kb / 4P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
National Semiconductor ...
54LS247 NSC-54LS247 Datasheet
66Kb / 3P
BCD TO 7-SEGMENT DECODER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
DM74LS249 NSC-DM74LS249 Datasheet
103Kb / 6P
BCD to 7-Segment Decoder with Open-Collector Outputs
DM54LS447 NSC-DM54LS447 Datasheet
126Kb / 6P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
BCD TO 7-SEGMENT DECODER/DRIVER
DM74LS47 FAIRCHILD-DM74LS47_07 Datasheet
203Kb / 8P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com