Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS222 Datasheet (PDF) - Advanced Monolithic Systems

AMS222 Datasheet PDF - Advanced Monolithic Systems
Part # AMS222
Download  AMS222 Download
File Size   676.73 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description COMPLIMENTARY OUTPUT OSCILLATOR/CLOCK GENERATOR

AMS222 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS222 Datasheet PDF - Advanced Monolithic Systems

Part # AMS222
Download  AMS222 Click to download

File Size   676.73 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description COMPLIMENTARY OUTPUT OSCILLATOR/CLOCK GENERATOR

AMS222 Datasheet (HTML) - Advanced Monolithic Systems


AMS222 Product details

GENERAL DESCRIPTION
The AMS222 is a low-cost, oscillator intended to be used as an external clock for low-frequency applications. The device consists of a resistor-programmed oscillator with complementary output stage. An external resistor allows for output frequency range to be adjusted from 10kHz to 6MHz. The complimentary output stage is very useful in paralleling, switching regulators for doubling the output current. AMS222 is offered in SOT-23 5-leads package.

FEATURES
• Low-Cost, Oscillator/Clock Generator
• Simple User Programming
• Output frequency programmable from 10 kHz to 6MHz
• 2.7 to 15V Single-Supply Operation
• Output frequency tolerance <1%
• Complementary output signal
• Break before make output signal

APPLICATIONS
• Switch-Mode Power Supplies
• Servers
• Printers
• Embedded Microcontrollers
• Industrial Controls
• Automotive Applications
• Toys




Similar Part No. - AMS222

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2263 AMS-AMS2263 Datasheet
776Kb / 12P
Extended Burst Mode Control For Improved
AMS2263AP AMS-AMS2263AP Datasheet
776Kb / 12P
Extended Burst Mode Control For Improved
AMS2263CP AMS-AMS2263CP Datasheet
776Kb / 12P
Extended Burst Mode Control For Improved
AMS2263MP AMS-AMS2263MP Datasheet
776Kb / 12P
Extended Burst Mode Control For Improved
logo
Bourns Electronic Solut...
AMS22B BOURNS-AMS22B Datasheet
279Kb / 3P
AMS22B Non-Contacting Analog Rotary Position Sensor
More results


Similar Description - AMS222

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V926 IDT-IDT5V926 Datasheet
45Kb / 6P
SINGLE OUTPUT CLOCK GENERATOR
IDT5V928 IDT-IDT5V928 Datasheet
48Kb / 6P
8 OUTPUT CLOCK GENERATOR
logo
PulseCore Semiconductor
PCS1P2857A PULSECORE-PCS1P2857A Datasheet
374Kb / 8P
Multi-Output Clock Generator
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
Multi-Output Clock Generator
logo
PCA ELECTRONICS INC.
EPA209-2 PCA-EPA209-2 Datasheet
17Kb / 1P
14 Pin DIP TTL Square-Wave Generator With Complimentary Output
logo
Analog Devices
AD9518-0 AD-AD9518-0 Datasheet
1Mb / 64P
6-Output Clock Generator
REV. C
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
6-Output Clock Generator with 6-Output Clock Generator with
REV. B
logo
Asahi Kasei Microsystem...
AK8146B AKM-AK8146B Datasheet
282Kb / 6P
2-output clock generator
logo
Analog Devices
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com