Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQT18V-HF Datasheet (PDF) - Comchip Technology

CPDQT18V-HF Datasheet PDF - Comchip Technology
Part # CPDQT18V-HF
Download  CPDQT18V-HF Download
File Size   480.14 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD ESD Protection Diode

CPDQT18V-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
CPDQT18V-HF Datasheet PDF - Comchip Technology

Part # CPDQT18V-HF
Download  CPDQT18V-HF Click to download

File Size   480.14 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD ESD Protection Diode

CPDQT18V-HF Datasheet (HTML) - Comchip Technology


CPDQT18V-HF Product details

Features
- Bi-directional ESD protection of one line.
- Excellent package: 1.0mm x 0.6mm x 0.5mm.
- Fast response time.
- Low reverse clamping voltage.
- Low capacitance: 0.35pF.
- JESD22-A114-B ESD rating of class 3B per
human body model.
- IEC 61000-4-2 Level 3 ESD protection.
- Reverse stand-off voltage: 18V.
- ESD rating of class 3(>16Kv) per human body model.




Similar Part No. - CPDQT18V-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQT12V-HF COMCHIP-CPDQT12V-HF Datasheet
470Kb / 4P
SMD ESD Protection Diode
REV:A
CPDQT12V0U-HF COMCHIP-CPDQT12V0U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDQT12VHT-HF COMCHIP-CPDQT12VHT-HF Datasheet
478Kb / 4P
SMD ESD Protection Diode
REV:A
CPDQT140-HF COMCHIP-CPDQT140-HF Datasheet
470Kb / 4P
SMD Schottky Barrier Diodes
REV:A
CPDQT1V8-HF COMCHIP-CPDQT1V8-HF Datasheet
479Kb / 4P
SMD ESD Protection Diode
REV:A
More results


Similar Description - CPDQT18V-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com