Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1480 Datasheet (PDF) - Semtech Corporation

SC1480 Datasheet PDF - Semtech Corporation
Part # SC1480
Download  SC1480 Download
File Size   533.75 Kbytes
Page   22 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description DDR Memory Power Supply Controller

SC1480 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1480 Datasheet PDF - Semtech Corporation

Part # SC1480
Download  SC1480 Click to download

File Size   533.75 Kbytes
Page   22 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description DDR Memory Power Supply Controller

SC1480 Datasheet (HTML) - Semtech Corporation


SC1480 Product details

Description
The SC1480 is a single output, constant on-time synchronous-buck, pseudo-fixed frequency, PWM controller intended for use in notebook computers and other battery operated portable devices. Features include high efficiency and fast dynamic response with no minimum on time, a reference input and a buffered REFOUT pin capable of sourcing 3mA. The excellent transient response means that SC1480 based solutions will require less output capacitance than competing fixed frequency converters.

Features
◆ Constant on-time for fast dynamic response
◆ Programmable VOUT based on external reference
◆ VIN range = 1.8V – 25V
◆ DC current sense using low-side RDS(ON) sensing or sense resistor
◆ 3mA reference output buffer
◆ Low power S3 state
◆ Resistor programmable frequency
◆ Cycle-by-cycle current limit
◆ Digital soft start
◆ Output current source-sink capability
◆ Overvoltage/under-voltage fault protection and PGOOD output
◆ Under 10uA typical shutdown current
◆ Low quiescent power dissipation
◆ 14-Pin TSSOP package. Also available in Lead-free package which is fully WEEE and RoHS compliant
◆ Industrial temperature range
◆ Integrated gate drivers with soft switching
◆ Efficiency >90%

Applications
◆ Notebook computers
◆ CPU I/O supplies
◆ Handheld terminals and PDAs
◆ LCD monitors
◆ Network power supplies




Similar Part No. - SC1480

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
DDR and DDR Memory VTT power Supply Controller
SC1480AEVB SEMTECH-SC1480AEVB Datasheet
347Kb / 23P
DDR and DDR Memory VTT power Supply Controller
SC1480AITSTRT SEMTECH-SC1480AITSTRT Datasheet
347Kb / 23P
DDR and DDR Memory VTT power Supply Controller
More results


Similar Description - SC1480

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1809 MAXIM-MAX1809 Datasheet
803Kb / 17P
3A, 1MHz, DDR Memory Termination Supply
19-2142; Rev 1; 9/02
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B Datasheet
1Mb / 78P
SDRAM/DDR Memory Controller
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
DDR and DDR Memory VTT power Supply Controller
logo
STMicroelectronics
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
Complete DDR2/3 memory power supply controller
01-Mar-2007
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
Complete DDR2/3 memory power supply controller
06-Feb-2008
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B_08 Datasheet
977Kb / 72P
SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B_10 Datasheet
984Kb / 72P
SDRAM/DDR Memory Controller
logo
Richtek Technology Corp...
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
Complete DDRII/DDRIII Memory Power Supply Controller
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
Complete DDR Memory Power Supply Controller
April 2018
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com