Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1110 Datasheet (PDF) - Semtech Corporation

SC1110 Datasheet PDF - Semtech Corporation
Part # SC1110_04
Download  SC1110 Download
File Size   295.52 Kbytes
Page   12 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Sink and Source DC/DC Controller for Termination Power Supply Applications

SC1110 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1110 Datasheet PDF - Semtech Corporation

Part # SC1110_04
Download  SC1110 Click to download

File Size   295.52 Kbytes
Page   12 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Sink and Source DC/DC Controller for Termination Power Supply Applications

SC1110 Datasheet (HTML) - Semtech Corporation


SC1110 Product details

Description
The SC1110 is a low-cost, full featured, synchronous voltage-mode controller designed to generate termination voltage in double data rate (DDR) memory systems and other applications where wide data bus need to be actively terminated. Synchronous control of the MOSFET half bridge allows power flowing bi-directionally. The termination voltage can be tightly regulated to track the chipset voltage, i.e. to be exactly 50% of that at all times.

Features
◆ Generates termination voltages for active termination schemes
◆ 1% set point accuracy
◆ For ±7A output current, transient regulation is better than ±80mV
◆ VREFIN pin available for external 50% resistive divider to allow termination voltage track of the chip set voltage
◆ Buffered VREFOUT for system usage
◆ RDSON sensing for over current protection in hiccup mode
◆ Soft start and logic input enabling
◆ 250kHz switching for best transient and efficiency performance
◆ Gate drive capable for 0.5A sourcing and sinking

Applications
◆ For DDR memory systems
◆ For active termination schemes in high speed logic systems




Similar Part No. - SC1110_04

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1110CSTR SEMTECH-SC1110CSTR Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
More results


Similar Description - SC1110_04

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
SC1110 SEMTECH-SC1110 Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
International Rectifier
IRU3138 IRF-IRU3138 Datasheet
281Kb / 18P
SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
IRU3038 IRF-IRU3038 Datasheet
139Kb / 18P
SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com