Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1417B Datasheet (PDF) - Semtech Corporation

SC1417B Datasheet PDF - Semtech Corporation
Part # SC1417B
Download  SC1417B Download
File Size   185.95 Kbytes
Page   11 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description MicroPower, 620kHz PWM, Step-up DC/DC Converter

SC1417B Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1417B Datasheet PDF - Semtech Corporation

Part # SC1417B
Download  SC1417B Click to download

File Size   185.95 Kbytes
Page   11 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description MicroPower, 620kHz PWM, Step-up DC/DC Converter

SC1417B Datasheet (HTML) - Semtech Corporation


SC1417B Product details

Description
The SC1417B is a fixed frequency, current mode step-up dc-dc converter. It operates over a wide input supply range of 1.5V to 12V, making it suitable for battery input and TFT-LCD applications. The 620kHz constant frequency oscillator minimizes the size of external components and allows simple filtering for noise sensitive environments. The integrated power NPN supports peak currents of up to 0.9A enabling the device to support 150mA at 15V from a 5V supply. The maximum switch duty cycle of 85% (typical) allows output to input voltage ratios as high as 6.5 in step-up configurations, thus allowing 2V to 12V boost operation.
The SC1417B features a low battery detector and a 200mV reference circuit which remains active during shut down. The part consumes less than 50µA in shutdown. The low battery detect output goes low when the input battery voltage has dropped below a user programmable level. Pulse-by-pulse current limit and thermal shutdown protect the converter during load faults.
The SC1417B is available in a MSOP-8 surface mount package.

Features
♦ Operates from 1.5V to 12V supply voltage
♦ High efficiency >85%
♦ 150mA @ 15V from 5V input
♦ Internal switch peak current of 0.9A
♦ Programmable output voltage
♦ Powers up into full load
♦ Pulse-by-pulse current limit/thermal shutdown
♦ 620kHz fixed frequency current mode converter
♦ Low current shutdown mode extends battery life
♦ 18V output capability
♦ Low battery detector
♦ MSOP-8 package. Available in Lead-free package, fully WEEE and RoHS compliant
♦ Pin-for-pin compatible with LT1317B

Applications
♦ TFT-LCD Bias supplies
♦ Constant current LED bias supplies
♦ Pagers
♦ GPS receivers
♦ Battery backup
♦ SEPIC converters




Similar Part No. - SC1417B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC141 ETC1-SC141 Datasheet
232Kb / 6P
6-A AND 10-A SILICON TRIACS
logo
Digitron Semiconductors
SC141 DIGITRON-SC141 Datasheet
231Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
SC141 NJSEMI-SC141 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
Constant Voltage/Constant Current Battery Charger
logo
Renesas Technology Corp
SC14110A RENESAS-SC14110A Datasheet
314Kb / 7P
Hi-Fi Codecs with USB, Analog, and Digital Audio Interfaces
Rev. 01.00 June 27, 2024
More results


Similar Description - SC1417B

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
Micropower Step-up DC/DC Converter
logo
Analog Microelectronics
AME5138 AME-AME5138 Datasheet
533Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Eutech Microelectronics...
EUP2624 EUTECH-EUP2624 Datasheet
359Kb / 9P
620kHz/1.25MHz Step-up DC/DC Converter
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309A TMT-T6309A Datasheet
364Kb / 13P
Micropower Step-up DC/DC Converter
logo
Eutech Microelectronics...
EUP2627 EUTECH-EUP2627 Datasheet
182Kb / 2P
620kHz/1.25MHz Step-up DC/DC Converter
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
STEP-UP PWM DC/DC Converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com