Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V26A Datasheet (PDF) - Holtek Semiconductor Inc

HT82V26A Datasheet PDF - Holtek Semiconductor Inc
Part # HT82V26A
Download  HT82V26A Download
File Size   196.7 Kbytes
Page   17 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 16-Bit CCD/CIS Analog Signal Processor

HT82V26A Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82V26A Datasheet PDF - Holtek Semiconductor Inc

Part # HT82V26A
Download  HT82V26A Click to download

File Size   196.7 Kbytes
Page   17 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 16-Bit CCD/CIS Analog Signal Processor

HT82V26A Datasheet (HTML) - Holtek Semiconductor Inc


HT82V26A Product details

General Description

The HT82V26A is a complete analog signal processor for CCD imaging applications. It features a 3-channel

architecture designed to sample and condition the out puts of tri-linear color CCD arrays. Each channel con

sists of an input clamp, Correlated Double Sampler (CDS), offset DAC and Programmable Gain Amplifier

(PGA), and a high performance 16-bit A/D converter.



Features

Operating voltage: 5V(Typ.)

Low power consumption at 400mW (Typ.)

Power-down mode: Under 2mA (Typ.)

16-bit 30 MSPS A/D converter

Guaranteed wont miss codes

1~6 programmable gain

Correlated Double Sampling

250mV programmable offset

Input clamp circuitry

Internal voltage reference

Multiplexed byte-wide output (8+8 format)

Programmable 3-wire serial interface

3V/5V digital I/O compatibility

3-channel operation up to 30 MSPS

2-channel (Even-Odd) operation up to 30 MSPS

1-channel operation up to 25 MSPS

28-pin SSOP/SOP package (lead-free on request)



Applications

Flatbed document scanners

Film scanners

Digital color copiers

Multifunction peripherals




Similar Part No. - HT82V26A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
16-Bit CCD/CIS Analog Signal Processor
February 8, 2012
More results


Similar Description - HT82V26A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V26 HOLTEK-HT82V26 Datasheet
175Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
June 24, 2004
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
16-Bit CCD/CIS Analog Signal Processor
June 29, 2004
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
June 7, 2001
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
July 23, 2009
HT82V42 HOLTEK-HT82V42_10 Datasheet
413Kb / 24P
Single-channel 16-Bit CCD/CIS Analog Signal Processor
December 8, 2010
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
M1008 UTC-M1008_15 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
16-Bit CCD/CIS Analog Signal Processor
February 8, 2012
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
November 10, 2008
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
August 13, 2014
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com