Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2434 Datasheet (PDF) - Semtech Corporation

SC2434 Datasheet PDF - Semtech Corporation
Part # SC2434
Download  SC2434 Download
File Size   306.12 Kbytes
Page   19 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description TriPhase Current Mode Controller with Power Good

SC2434 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC2434 Datasheet PDF - Semtech Corporation

Part # SC2434
Download  SC2434 Click to download

File Size   306.12 Kbytes
Page   19 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description TriPhase Current Mode Controller with Power Good

SC2434 Datasheet (HTML) - Semtech Corporation


SC2434 Product details

Description
The SC2434, a tri-phase, current mode controller is designed to work with Semtech smart synchronous drivers, such as the SC1205, SC1206, and SC1207 to provide the DC/DC converter solution for the most demanding Microprocessor applications.

Features
◆ 12V input
◆ Input sensing current mode control
◆ Selectable 2 or 3 phase operation
◆ Precision, pulse by pulse phase current matching
◆ Active drooping allows for best transient response
◆ Programmable internal oscillator to 1.5 MHz
◆ Programmable DAC step size/offset allows compliance with VRM9.0 and VRM9.2
◆ VID 11111 Inhibit (No CPU)
◆ Externally programmable soft-start
◆ 0% minimum duty cycle improves transient response
◆ Cycle by cycle current limiting plus hiccup
◆ Power good signal

Applications
◆ Intel Pentium-4 microprocessors
◆ High performance desktop systems




Similar Part No. - SC2434

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC243 VITALCONN-SC243 Datasheet
467Kb / 3P
SFP2*4 CAGECONN
logo
Systemsensor advanced i...
SC2430 SYSTEMSENSOR-SC2430 Datasheet
332Kb / 4P
Strobes and Horn Strobes
logo
Gamewell-FCI by Honeywe...
SC2430 GAMEWELL-FCI-SC2430 Datasheet
536Kb / 4P
SC Strobes and PC Horn/Strobes
logo
Systemsensor advanced i...
SC2430W SYSTEMSENSOR-SC2430W Datasheet
332Kb / 4P
Strobes and Horn Strobes
logo
Gamewell-FCI by Honeywe...
SC2430W GAMEWELL-FCI-SC2430W Datasheet
536Kb / 4P
SC Strobes and PC Horn/Strobes
More results


Similar Description - SC2434

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5166 CHERRY-CS5166 Datasheet
435Kb / 22P
5-Bit Synchronous CPU Controller with Power-Good and Current Limit
Rev. 6/28/99
CS5166H CHERRY-CS5166H Datasheet
440Kb / 22P
5-Bit Synchronous CPU Controller with Power-Good and Current Limit
Rev. 6/28/99
logo
ON Semiconductor
CS5166 ONSEMI-CS5166 Datasheet
899Kb / 25P
5?묪it Synchronous CPU Controller with Power Good and Current Limit
July, 2006 ??Rev. 4
logo
STMicroelectronics
L6728_0706 STMICROELECTRONICS-L6728_0706 Datasheet
1Mb / 31P
Single phase PWM controller with Power Good
05-Jun-2008
logo
Linear Technology
LTC2925 LINER-LTC2925 Datasheet
351Kb / 20P
Multiple Power Supply Tracking Controller with Power Good Timeout
logo
Microsemi Corporation
NX2116 MICROSEMI-NX2116 Datasheet
408Kb / 14P
SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
logo
STMicroelectronics
L6728D STMICROELECTRONICS-L6728D Datasheet
1Mb / 33P
Single-phase PWM controller with Power Good
03-Feb-2010
L6728H STMICROELECTRONICS-L6728H Datasheet
1Mb / 32P
Single phase PWM controller with Power Good
20-May-2009
logo
Texas Instruments
UC1843-HIREL TI1-UC1843-HIREL Datasheet
214Kb / 10P
CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
UC1843-HIREL TI-UC1843-HIREL_15 Datasheet
182Kb / 10P
CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com