Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V806 Datasheet (PDF) - Holtek Semiconductor Inc

HT82V806 Datasheet PDF - Holtek Semiconductor Inc
Part # HT82V806
Download  HT82V806 Download
File Size   88.67 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CCD 6 Channel Vertical Driver

HT82V806 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82V806 Datasheet PDF - Holtek Semiconductor Inc

Part # HT82V806
Download  HT82V806 Click to download

File Size   88.67 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CCD 6 Channel Vertical Driver

HT82V806 Datasheet (HTML) - Holtek Semiconductor Inc


HT82V806 Product details

General Description

HT82V806 is a CMOS vertical clock driver and shutter driver IC for CCD area sensors. It has the capability of

converting the voltage and impedance from the CMOS level.



Features

Operating voltage: 3.0V~5.5V

Built-in seven circuits

  2-level output:

    2 circuits for vertical CCD clock driver

    Output voltage level (typ.) =9V to 0V

  3-level output:

    4 circuits for vertical CCD clock driver

    Output voltage level (typ.) =9V to 15V

  2-level output:

    1 circuit for shutter driver

    Output voltage level (typ.) =9V to 17V

Switchable between NTSC (EIA) and PAL (CCIR) modes

24-pin SSOP (150mil) package




Similar Part No. - HT82V806

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V804 HOLTEK-HT82V804 Datasheet
95Kb / 9P
CCD 4CH Vertical Driver
April 15, 2004
HT82V805 HOLTEK-HT82V805 Datasheet
104Kb / 10P
CCD 4 Channel Vertical Driver
December 8, 2005
HT82V805 HOLTEK-HT82V805 Datasheet
133Kb / 12P
CCD 4 Channel Vertical Driver
December 29, 2005
HT82V805A HOLTEK-HT82V805A Datasheet
1Mb / 10P
CCD 4 Channel Vertical Driver
December 16, 2011
HT82V805 HOLTEK-HT82V805_1 Datasheet
133Kb / 12P
CCD 4 Channel Vertical Driver
December 29, 2005
More results


Similar Description - HT82V806

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3400N SONY-CXD3400N Datasheet
84Kb / 8P
6-channel CCD Vertical Clock Driver
logo
Holtek Semiconductor In...
HT82V805 HOLTEK-HT82V805 Datasheet
104Kb / 10P
CCD 4 Channel Vertical Driver
December 8, 2005
HT82V805 HOLTEK-HT82V805_1 Datasheet
133Kb / 12P
CCD 4 Channel Vertical Driver
December 29, 2005
logo
Agamem Microelectronic ...
AA87221AP AGAMEM-AA87221AP Datasheet
281Kb / 9P
CCD VERTICAL DRIVER
AA87222AP AGAMEM-AA87222AP Datasheet
160Kb / 9P
CCD VERTICAL DRIVER
AA87223AP AGAMEM-AA87223AP Datasheet
277Kb / 9P
CCD VERTICAL DRIVER
logo
Holtek Semiconductor In...
HT82V805A HOLTEK-HT82V805A Datasheet
1Mb / 10P
CCD 4 Channel Vertical Driver
December 16, 2011
logo
Agamem Microelectronic ...
AA87221 AGAMEM-AA87221 Datasheet
42Kb / 1P
CCD VERTICAL DRIVER
AA87222 AGAMEM-AA87222 Datasheet
42Kb / 1P
CCD VERTICAL DRIVER
AA87223 AGAMEM-AA87223 Datasheet
45Kb / 1P
CCD VERTICAL DRIVER
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com