Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02209851F3 Datasheet (PDF) - Ashcroft, Inc.

02209851F3 Datasheet PDF - Ashcroft, Inc.
Part # 02209851F3
Download  02209851F3 Download
File Size   546.28 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 2198 MicroTube™ and 2098 Mini-MicroTube™ Siphons

02209851F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
02209851F3 Datasheet PDF - Ashcroft, Inc.

Part # 02209851F3
Download  02209851F3 Click to download

File Size   546.28 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 2198 MicroTube™ and 2098 Mini-MicroTube™ Siphons

02209851F3 Datasheet (HTML) - Ashcroft, Inc.


02209851F3 Product details

FEATURES
For working pressure up to 5,000 psi (2198) and 3,000 psi (2098)
For process temperature: 2198: up to 800 °F (427 °C) 2098: 600 °F (316 °C)
Compatible with many process media
For use with gauges, switches, transducers and diaphragm seals




Similar Part No. - 02209851F3

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
0220 JMK-0220 Datasheet
46Kb / 1P
designed to provide common-mode filtering for computer periphereral and other electronic hardware using linear power supplies
logo
B+B Thermo-Technik GmbH
0220 0418 BBTHERMO-TECHNIK-0220 0418 Datasheet
1Mb / 4P
Pt1000 sensor module with standard signal output
13.01.2021
0220 0425-40 BBTHERMO-TECHNIK-0220 0425-40 Datasheet
1Mb / 4P
Pt1000 sensor module with standard signal output
13.01.2021
logo
Coherent Corp
0220-968-00 COHERENT-0220-968-00 Datasheet
864Kb / 6P
Miniature Diode Laser Modules
0220-970-00 COHERENT-0220-970-00 Datasheet
864Kb / 6P
Miniature Diode Laser Modules
More results


Similar Description - 02209851F3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IM523-S6A INFINEON-IM523-S6A Datasheet
1Mb / 22P
CIPOS™ Mini IM523
V 2.0 2022-05-03
IFCM15S60GS INFINEON-IFCM15S60GS Datasheet
1Mb / 26P
CIPOS™ Mini
Verison 2.4 2021-12-21
IM564-X6D INFINEON-IM564-X6D Datasheet
1Mb / 26P
CIPOS™ Mini IM564
Verison 2.3 2021-12-21
logo
Huber+Suhner, Inc.
04-___MH_ZN_H-__ HUBERSUHNER-04-___MH_ZN_H-___23 Datasheet
187Kb / 2P
Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm
04-___MH_ZN_H-___23B HUBERSUHNER-04-___MH_ZN_H-___23B Datasheet
188Kb / 2P
Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm B2ca
04-___MH_ZN_H-___23C HUBERSUHNER-04-___MH_ZN_H-___23C Datasheet
187Kb / 2P
Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm Cca
04-___MH_ZN_H-___23DCA HUBERSUHNER-04-___MH_ZN_H-___23DCA Datasheet
188Kb / 2P
Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm Dca
06-___SMH_ZN_H-___23B HUBERSUHNER-06-___SMH_ZN_H-___23B Datasheet
188Kb / 2P
Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm B2ca
12-___MH_ZN_H-__ HUBERSUHNER-12-___MH_ZN_H-___28 Datasheet
187Kb / 2P
Dry FTTH Microtube 1x1.75mm LSFH Ø 2.8mm B2ca
24-___SMH_ZN_H-__ HUBERSUHNER-24-___SMH_ZN_H-___28 Datasheet
187Kb / 2P
Dry FTTH Microtube 1x1.75mm LSFH Ø 2.8mm B2ca
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com