Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

04219825F3 Datasheet (PDF) - Ashcroft, Inc.

04219825F3 Datasheet PDF - Ashcroft, Inc.
Part # 04219825F3
Download  04219825F3 Download
File Size   546.28 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 2198 MicroTube™ and 2098 Mini-MicroTube™ Siphons

04219825F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
04219825F3 Datasheet PDF - Ashcroft, Inc.

Part # 04219825F3
Download  04219825F3 Click to download

File Size   546.28 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 2198 MicroTube™ and 2098 Mini-MicroTube™ Siphons

04219825F3 Datasheet (HTML) - Ashcroft, Inc.


04219825F3 Product details

FEATURES
For working pressure up to 5,000 psi (2198) and 3,000 psi (2098)
For process temperature: 2198: up to 800 °F (427 °C) 2098: 600 °F (316 °C)
Compatible with many process media
For use with gauges, switches, transducers and diaphragm seals




Similar Part No. - 04219825F3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
0421-203-04141 TEC-0421-203-04141 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
logo
K.A. Schmersal GmbH & C...
042100J SCHMERSAL-042100J Datasheet
102Kb / 1P
Heating element for Chip Tool
logo
PHOENIX CONTACT
0421016 PHOENIX-0421016 Datasheet
118Kb / 7P
Power terminal block, Connection method Screw connection, Load current
0421029 PHOENIX-0421029 Datasheet
175Kb / 5P
Power terminal block, Load current
0421032 PHOENIX-0421032 Datasheet
117Kb / 7P
Power terminal block, Connection method Screw connection, Load current
More results


Similar Description - 04219825F3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IM523-S6A INFINEON-IM523-S6A Datasheet
1Mb / 22P
CIPOS™ Mini IM523
V 2.0 2022-05-03
IFCM15S60GS INFINEON-IFCM15S60GS Datasheet
1Mb / 26P
CIPOS™ Mini
Verison 2.4 2021-12-21
IM564-X6D INFINEON-IM564-X6D Datasheet
1Mb / 26P
CIPOS™ Mini IM564
Verison 2.3 2021-12-21
logo
Huber+Suhner, Inc.
04-___MH_ZN_H-__ HUBERSUHNER-04-___MH_ZN_H-___23 Datasheet
187Kb / 2P
Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm
04-___MH_ZN_H-___23B HUBERSUHNER-04-___MH_ZN_H-___23B Datasheet
188Kb / 2P
Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm B2ca
04-___MH_ZN_H-___23C HUBERSUHNER-04-___MH_ZN_H-___23C Datasheet
187Kb / 2P
Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm Cca
04-___MH_ZN_H-___23DCA HUBERSUHNER-04-___MH_ZN_H-___23DCA Datasheet
188Kb / 2P
Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm Dca
06-___SMH_ZN_H-___23B HUBERSUHNER-06-___SMH_ZN_H-___23B Datasheet
188Kb / 2P
Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm B2ca
12-___MH_ZN_H-__ HUBERSUHNER-12-___MH_ZN_H-___28 Datasheet
187Kb / 2P
Dry FTTH Microtube 1x1.75mm LSFH Ø 2.8mm B2ca
24-___SMH_ZN_H-__ HUBERSUHNER-24-___SMH_ZN_H-___28 Datasheet
187Kb / 2P
Dry FTTH Microtube 1x1.75mm LSFH Ø 2.8mm B2ca
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com