Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4505 Datasheet (PDF) - Semtech Corporation

SC4505 Datasheet PDF - Semtech Corporation
Part # SC4505
Download  SC4505 Download
File Size   368.86 Kbytes
Page   15 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Efficiency Boost Converter for Backlight/Flash LED Driver

SC4505 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4505 Datasheet PDF - Semtech Corporation

Part # SC4505
Download  SC4505 Click to download

File Size   368.86 Kbytes
Page   15 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Efficiency Boost Converter for Backlight/Flash LED Driver

SC4505 Datasheet (HTML) - Semtech Corporation


SC4505 Product details

Description

The SC4505 is a high-frequency PWM current-mode step up switching regulator with an integrated 2A power transistor. Its high switching frequency (1MHz) allows the use of tiny surface-mount external passive components. The internal switch is rated at 36V which makes the converter ideal for multiple LED series operation with optimal current matching. Two programmable independent current source structure allows dual panel LED backlight and flash operation.



Features

‹Two independent current sources for dual LED strandswith optimal current/light matching. acklight up to75mA, Flash up to 125mA

‹Wide input range from 2.6V to 12V

Adaptive output voltage up to 28V with OVP protection against open circuit conditions

Low shutdown current (<1µA )

Internal Flash/Torch mode with flash timeout to protect LEDs

1MHz Fixed Frequency Current-Mode Control

Internal 2A current limit for driving large numbers of LEDs

Supports PWM Dimming from 50Hz to 50kHz

Internal undervoltage lockout

Small, low profile, thermally enhanced 16-MLPQ package is fully WEEE and RoHS compliant




Similar Part No. - SC4505

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4505 SEMTECH-SC4505 Datasheet
369Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
SC4505EVB SEMTECH-SC4505EVB Datasheet
369Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
SC4505MLTRT SEMTECH-SC4505MLTRT Datasheet
369Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
SC4505 SEMTECH-SC4505_07 Datasheet
369Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
More results


Similar Description - SC4505

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4505 SEMTECH-SC4505_07 Datasheet
369Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI-LP8556 Datasheet
1Mb / 52P
High-Efficiency LED Backlight Driver for Tablets
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
LP8557 TI1-LP8557 Datasheet
1Mb / 49P
High-Efficiency LED Backlight Driver For Tablets
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
High-Efficiency LED Backlight Driver for Notebooks
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com