Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1Q Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

HS1Q Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # HS1Q
Download  HS1Q Download
File Size   409.3 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A, 1200V High Efficient Surface Mount Rectifier

HS1Q Datasheet (PDF)

Go To PDF Page Download Datasheet
HS1Q Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # HS1Q
Download  HS1Q Click to download

File Size   409.3 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A, 1200V High Efficient Surface Mount Rectifier

HS1Q Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


HS1Q Product details

FEATURES
●Glass passivated chip junction
●Ideal for automated placement
●Low power loss, high efficiency
●Moisture sensitivity level: level 1, per J-STD-
●RoHS Compliant
●Halogen-free
APPLICATIONS
●Switching mode converters and inverters
●Lighting application
●Snubber
●Freewheeling application
●Bootstrap rectifier




Similar Part No. - HS1Q

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1QAL TSC-HS1QAL Datasheet
427Kb / 5P
1A, 1200V High Efficient Surface Mount Rectifier
Version: A2505
HS1QALH TSC-HS1QALH Datasheet
428Kb / 5P
1A, 1200V High Efficient Surface Mount Rectifier
Version: A2505
HS1QB TSC-HS1QB Datasheet
440Kb / 5P
1A, 1200V High Efficient Surface Mount Rectifier
Version: A2408
HS1QBH TSC-HS1QBH Datasheet
441Kb / 5P
1A, 1200V High Efficient Surface Mount Rectifier
Version: A2408
HS1QFS TSC-HS1QFS Datasheet
434Kb / 5P
1A, 1200V High Efficient Surface Mount Rectifier
Version: A2505
More results


Similar Description - HS1Q

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SE1A SEMTECH_ELEC-SE1A Datasheet
197Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIER
logo
Frontier Electronics.
EFM11M FRONTIER-EFM11M Datasheet
129Kb / 2P
1A SURFACE MOUNT FAST EFFICIENT RECOVERY RECTIFIERS
ES1A-LFR FRONTIER-ES1A-LFR Datasheet
132Kb / 2P
1A SURFACE MOUNT FAST EFFICIENT RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
MURA130 SUNMATE-MURA130 Datasheet
145Kb / 2P
1.0A Surface Mount High Efficient Rectifier
MURA160 SUNMATE-MURA160 Datasheet
109Kb / 2P
1.0A Surface Mount High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HS1AFL TSC-HS1AFL Datasheet
333Kb / 7P
1A, 50V - 1000V High Efficient Surface Mount Rectifier
HS1D-K TSC-HS1D-K Datasheet
417Kb / 6P
1A, 200V - 1000V High Efficient Surface Mount Rectifier
HS1DLW TSC-HS1DLW Datasheet
202Kb / 4P
1A, 200V - 1000V High Efficient Surface Mount Rectifiers
US1AH TSC-US1AH Datasheet
573Kb / 6P
1A, 50V - 1000V High Efficient Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S1Q TS-S1Q Datasheet
372Kb / 5P
1A, 1200V Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com