Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1YH Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

S1YH Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # S1YH
Download  S1YH Download
File Size   408.48 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A, 1600V Surface Mount Rectifier

S1YH Datasheet (PDF)

Go To PDF Page Download Datasheet
S1YH Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # S1YH
Download  S1YH Click to download

File Size   408.48 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A, 1600V Surface Mount Rectifier

S1YH Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


S1YH Product details

FEATURES
AEC-Q101 qualified
Glass passivated chip junction
Ideal for automated placement
Low forward voltage drop
High surge current capability
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free
APPLICATIONS
General purpose
Switching mode converters and inverters
Lighting application




Similar Part No. - S1YH

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S1Y MCC-S1Y Datasheet
341Kb / 1P
1 Amp Silicon Rectifier 1200 to 2000 Volts
logo
Diotec Semiconductor
S1Y DIOTEC-S1Y Datasheet
112Kb / 2P
Surface Mount Silicon Rectifier Diodes
logo
Semikron International
S1Y SEMIKRON-S1Y Datasheet
148Kb / 2P
Standard silicon rectifier diodes
S1Y SEMIKRON-S1Y Datasheet
189Kb / 2P
Standard silicon rectifier diodes
logo
Micro Commercial Compon...
S1Y MCC-S1Y Datasheet
588Kb / 3P
1 Amp Silicon Rectifier 1200 to 2000 Volts
More results


Similar Description - S1YH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000 Datasheet
79Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev 2 - 2
BAT1000 DIODES-BAT1000_1 Datasheet
364Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev. 6 - 2
BAT1000 DIODES-BAT1000_10 Datasheet
80Kb / 4P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 9 - 2 October 2010
logo
Frontier Electronics.
M1-LFR FRONTIER-M1-LFR Datasheet
123Kb / 2P
1A SURFACE MOUNT RECTIFIER
logo
Taiwan Memory Technolog...
S1AL TMT-S1AL_16 Datasheet
185Kb / 4P
1A, 50V - 1000V Surface Mount Rectifier
logo
Diodes Incorporated
MBR180S1 DIODES-MBR180S1 Datasheet
364Kb / 5P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Taiwan Semiconductor Co...
S1DFS TSC-S1DFS Datasheet
314Kb / 5P
1A, 200V - 1000V Surface Mount Rectifier
S1GFL TSC-S1GFL Datasheet
440Kb / 6P
1A, 400V - 1000V Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S1Q TS-S1Q Datasheet
372Kb / 5P
1A, 1200V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S1AH TSC-S1AH Datasheet
563Kb / 6P
1A, 50V - 1000V Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com