Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8662 Datasheet (PDF) - Maxim Integrated Products

MAX8662 Datasheet PDF - Maxim Integrated Products
Part # MAX8662
Download  MAX8662 Download
File Size   873.64 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Power-Management ICs for Single-Cell, Li Battery-Operated Devices

MAX8662 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8662 Datasheet PDF - Maxim Integrated Products

Part # MAX8662
Download  MAX8662 Click to download

File Size   873.64 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Power-Management ICs for Single-Cell, Li Battery-Operated Devices

MAX8662 Datasheet (HTML) - Maxim Integrated Products


MAX8662 Product details

General Description
The MAX8662/MAX8663 power-management ICs (PMICs) are efficient, compact devices suitable for smart cellular phones, PDAs, Internet appliances, and other portable devices. They integrate two synchronous buck regulators, a boost regulator driving two to seven white LEDs, four low-dropout linear regulators (LDOs), and a linear charger for a single-cell Li-ion (Li+) battery.
Maxim’s Smart Power Selector™ (SPS) safely distributes power between an external power source (AC adapter, auto adapter, or USB source), battery, and the system load. When system load peaks exceed the external source capability, the battery supplies supple mental current. When system load requirements are small, residual power from the external power source charges the battery. A thermal-limiting circuit limits battery-charge rate and external power-source current to prevent overheating. The PMIC also allows the system to operate with no battery or a discharged battery.
The MAX8662 is available in a 6mm x 6mm, 48-pin TQFN package, while the MAX8663, without the LED driver, is available in a 5mm x 5mm, 40-pin TQFN package.

Features
♦ Two 95%-Efficient 1MHz Buck Regulators
   Main Regulator: 0.98V to VIN at 1200mA
   Core Regulator: 0.98V to VIN at 900mA
♦ 1MHz Boost WLED Driver
   Drives Up to 7 White LEDs at 30mA (max)
   PWM and Analog Dimming Control
♦ Four Low-Dropout Linear Regulators
   1.7V to 5.5V Input Range
   15µA Quiescent Current
♦ Single-Cell Li+ Charger
   Adapter or USB Input
   Thermal-Overload Protection
♦ Smart Power Selector (SPS)
   AC Adapter/USB or Battery Source
   Charger-Current and System-Load Sharing
  
Applications
   Smart Phones and PDAs
   MP3 and Portable Media Players
   Palmtop and Wireless Handhelds




Similar Part No. - MAX8662

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8662 MAXIM-MAX8662 Datasheet
899Kb / 37P
Power-Management ICs for Single-Cell, Li Battery-Operated Devices
Rev 1; 12/08
MAX8662ETM+ MAXIM-MAX8662ETM+ Datasheet
899Kb / 37P
Power-Management ICs for Single-Cell, Li Battery-Operated Devices
Rev 1; 12/08
MAX8662ETM+ MAXIM-MAX8662ETM+ Datasheet
1Mb / 34P
Power-Management ICs for Single-Cell, Li Battery-Operated Devices
2010
MAX8662 MAXIM-MAX8662_08 Datasheet
899Kb / 37P
Power-Management ICs for Single-Cell, Li Battery-Operated Devices
Rev 1; 12/08
MAX8662 MAXIM-MAX8662_V01 Datasheet
1Mb / 34P
Power-Management ICs for Single-Cell, Li Battery-Operated Devices
2010
More results


Similar Description - MAX8662

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Maxim Integrated Produc...
MAX8662 MAXIM-MAX8662_08 Datasheet
899Kb / 37P
Power-Management ICs for Single-Cell, Li Battery-Operated Devices
Rev 1; 12/08
logo
Semtech Corporation
SC908 SEMTECH-SC908 Datasheet
504Kb / 30P
Power Management IC for Single-Cell Li-Ion Devices
logo
Texas Instruments
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
Single Cell Li-Battery and Power System Management IC
logo
Maxim Integrated Produc...
MAX8904 MAXIM-MAX8904 Datasheet
3Mb / 44P
High-Efficiency Power-Management IC with I2C Control for 2-Cell Li Battery Operated Devices
Rev 0; 7/09
MAX8662 MAXIM-MAX8662_V01 Datasheet
1Mb / 34P
Power-Management ICs for Single-Cell, Li Battery-Operated Devices
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com