Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0405MF Datasheet (PDF) - Advanced (Shenzhen) Electronics Co.,Ltd

X0405MF Datasheet PDF - Advanced (Shenzhen) Electronics Co.,Ltd
Part # X0405MF
Download  X0405MF Download
File Size   353.13 Kbytes
Page   6 Pages
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd
Description SCRs

X0405MF Datasheet (PDF)

Go To PDF Page Download Datasheet
X0405MF Datasheet PDF - Advanced (Shenzhen) Electronics Co.,Ltd

Part # X0405MF
Download  X0405MF Click to download

File Size   353.13 Kbytes
Page   6 Pages
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd
Description SCRs

X0405MF Datasheet (HTML) - Advanced (Shenzhen) Electronics Co.,Ltd


X0405MF Product details

General Description
Available either in sensitive or standard gate triggering levels, the 4A SCR series is suitable to fit all modes of control found inapplications such as overvoltage crowbar protection, motor control circuits in power tools and kitchen aids, in-rush current limiting circuits,capacitive discharge ignition, voltage regulation circuits...

Features
◆ Repetitive Peak Off-State Voltage : 600V/800V
◆ R.M.S On-State Current ( IT(RMS)= 4A )
◆ These are Pb-Free Devices




Similar Part No. - X0405MF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0405MF STMICROELECTRONICS-X0405MF Datasheet
205Kb / 5P
4A SCRS
Sep-2000
X0405MF STMICROELECTRONICS-X0405MF Datasheet
677Kb / 6P
SENSITINE GATE SCR
logo
New Jersey Semi-Conduct...
X0405MF NJSEMI-X0405MF Datasheet
47Kb / 1P
Highly sensitive triggering levels
logo
HAOPIN MICROELECTRONICS...
X0405MF HAOPIN-X0405MF Datasheet
366Kb / 5P
Blocking voltage to 600 V
logo
Inchange Semiconductor ...
X0405MF ISC-X0405MF Datasheet
270Kb / 3P
isc Thyristors
2023-8-22
More results


Similar Description - X0405MF

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
SCRs
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
US108S UTC-US108S_11 Datasheet
131Kb / 3P
SCRS
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
SCRs
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com