Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4509 Datasheet (PDF) - Semtech Corporation

SC4509 Datasheet PDF - Semtech Corporation
Part # SC4509
Download  SC4509 Download
File Size   410.91 Kbytes
Page   15 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Highly Integrated Step-Up Converter for White LED Applications in MLPD-W8-2x2

SC4509 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4509 Datasheet PDF - Semtech Corporation

Part # SC4509
Download  SC4509 Click to download

File Size   410.91 Kbytes
Page   15 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Highly Integrated Step-Up Converter for White LED Applications in MLPD-W8-2x2

SC4509 Datasheet (HTML) - Semtech Corporation


SC4509 Product details

Description

The SC4509 is a highly integrated step-up DC/DC converter targeted for white LED backlighting applications. It is designed to drive up to five LEDs with a wide input voltage range of 2.7 to 10 volts. Designed for 20V output voltage, the SC4509 operates with a constant 1.2MHz PWM frequency.



Features

VINrange: 2.7V — 10V

Integrated Schottky diode

81% efficiency

Requires only 4 external components

Up to 20V of output voltage

30mA maximum LED current

Open LED protection (OVP)

1.2MHz PWM switching frequency

Low feedback voltage (20OmV typical)

Wide range of PWM dimming

Drives up to 5 LEDs

500mA switch current limit

220nF output capacitor

Available in 2mm x 2mm x 0.75mm MLPD-W8 and SOT23-6 packages

Packages are fully WEEE and RoHS compliant



Applications

Digital Video Cameras

White LED Backlight Driver

OLED Display Driver

Portable Media Players

GPS Receivers

Cellular Phones

PDAs and Handheld Computers




Similar Part No. - SC4509

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC450 SEMTECH-SC450 Datasheet
89Kb / 1P
Portable IMVP-IV??and IMVP4??Dual Phase Power Supply Controller
SC450 SEMTECH-SC450 Datasheet
82Kb / 1P
Portable IMVP-IV and IMVP4 Dual Phase Power Supply Controller
SC4501 SEMTECH-SC4501 Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501EVB SEMTECH-SC4501EVB Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501MLTRT SEMTECH-SC4501MLTRT Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
More results


Similar Description - SC4509

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
WHITE LED STEP-UP CONVERTER IN SOT23
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
Step-Up Converter for White LED Applications
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com