Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIF-32 Datasheet (PDF) - AG Electronica

ZIF-32 Datasheet PDF - AG Electronica
Part # ZIF-32
Download  ZIF-32 Download
File Size   308.63 Kbytes
Page   4 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description BASE P/CI, CERO FUERZA DE INSERCIÓN

ZIF-32 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZIF-32 Datasheet PDF - AG Electronica

Part # ZIF-32
Download  ZIF-32 Click to download

File Size   308.63 Kbytes
Page   4 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description BASE P/CI, CERO FUERZA DE INSERCIÓN

ZIF-32 Datasheet (HTML) - AG Electronica


ZIF-32 Product details

Descripción
 Para DIP´s con .100” (2.54mm) separación de espacios.
 Conteo para pines de 14-64 espacios.
 Mecanismo con palanca accionada con cero fuerza de inserción.
 Fácil desensamble para reparabilidad.
 Enchufe de contacto .110” (2.79mm)




Similar Part No. - ZIF-32

ManufacturerPart #DatasheetDescription
logo
AG Electronica
ZIF-18 AGELECTRONICA-ZIF-18 Datasheet
303Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
ZIF-20 AGELECTRONICA-ZIF-20 Datasheet
303Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
ZIF-24 AGELECTRONICA-ZIF-24 Datasheet
308Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
ZIF-28 AGELECTRONICA-ZIF-28 Datasheet
308Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
ZIF-40 AGELECTRONICA-ZIF-40 Datasheet
308Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
More results


Similar Description - ZIF-32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TC8500 PHILIPS-TC8500 Datasheet
1Mb / 82P
Sistemas de Conmutador-Control Microprocesador-Base Allegiant
1997
logo
Hammond Manufacturing L...
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
TROUSSE DE BUTEES DE PORTE
IPCBP HAMMOND-IPCBP Datasheet
45Kb / 1P
Panneau interieur de base
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
Gestionnaire de cables de toit
S2CBC HAMMOND-S2CBC Datasheet
68Kb / 1P
Plaque de recouvrement pour base
S2CBP HAMMOND-S2CBP Datasheet
50Kb / 1P
Panneau de base
S2CBWD HAMMOND-S2CBWD Datasheet
75Kb / 1P
Porte vitree de base
logo
Tripp Lite. All Rights ...
VR1208R TRIPPLITE-VR1208R Datasheet
153Kb / 2P
Regulador de Voltaje de 1200VA - Regulaci처n autom찼tica de voltaje con supresi처n de sobretensiones
logo
PHOENIX CONTACT
2316393 PHOENIX-2316393 Datasheet
1Mb / 10P
Base module - AXL P FBPS BASE
12/24/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com