Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB-15PVGAAR Datasheet (PDF) - AG Electronica

DB-15PVGAAR Datasheet PDF - AG Electronica
Part # DB-15PVGAAR
Download  DB-15PVGAAR Download
File Size   233.27 Kbytes
Page   3 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONECTOR DB 15 ALTA DENSIDAD MACHO

DB-15PVGAAR Datasheet (PDF)

Go To PDF Page Download Datasheet
DB-15PVGAAR Datasheet PDF - AG Electronica

Part # DB-15PVGAAR
Download  DB-15PVGAAR Click to download

File Size   233.27 Kbytes
Page   3 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONECTOR DB 15 ALTA DENSIDAD MACHO

DB-15PVGAAR Datasheet (HTML) - AG Electronica


DB-15PVGAAR Product details

Descripción
El conector DB15 VGA angulo recto es un conector analógico de 15 clavijas de la familia de conectores y están moldeados y tienen liberación de la tensión integral para asegurar una larga vida útil.
Se utiliza principalmente para conexiones en serie, para conducir la señal de vídeo VGA desde la tarjeta gráfica en el PC hasta el monitor.

Aplicaciones
 Crear un puerto virtual COM
 Comunicaciones y red.
 Ordenadores y periféricos informáticos.




Similar Part No. - DB-15PVGAAR

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DB-15PVGA AGELECTRONICA-DB-15PVGA Datasheet
256Kb / 3P
CONECTOR DB 15 ALTA DENSIDAD MACHO
28/11/2019
More results


Similar Description - DB-15PVGAAR

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
ADS-41V-1000 MERRIMAC-ADS-41V-1000 Datasheet
130Kb / 1P
15 dB DIGITAL ATTENUATOR
logo
EPCOS
B78408A1231A003 EPCOS-B78408A1231A003 Datasheet
91Kb / 4P
RF transformers 15 dB directional coupler
B78408A1487A003 EPCOS-B78408A1487A003 Datasheet
87Kb / 4P
RF transformers 15 dB directional coupler
logo
Winchester Electronics ...
SD1800-10 WINCHESTER-SD1800-10 Datasheet
74Kb / 1P
ATTENUATOR, 15 dB 2W, TNC
logo
Japan Aviation Electron...
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
FB10S0 JAE 0.3mm PITCH FPC CONECTOR
logo
Glenair, Inc.
240-838A GLENAIR-240-838A Datasheet
100Kb / 2P
Conector Adapter
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
Attenuation: 1.0 dB steps to 15 dB
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
HARTING Technology Grou...
09-03-264-6855 HARTING-09-03-264-6855 Datasheet
724Kb / 4P
CONECTOR DIN 64 FEMEA 2,9C1
logo
Vishay Barry
A1500-40-3X BARRY-A1500-40-3X Datasheet
134Kb / 1P
BeO 15 dB FLANGED ATTENUATOR
Revision Date 11/24/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com