Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC621A Datasheet (PDF) - Semtech Corporation

SC621A Datasheet PDF - Semtech Corporation
Part # SC621A
Download  SC621A Download
File Size   314.04 Kbytes
Page   24 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface

SC621A Datasheet (PDF)

Go To PDF Page Download Datasheet
SC621A Datasheet PDF - Semtech Corporation

Part # SC621A
Download  SC621A Click to download

File Size   314.04 Kbytes
Page   24 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface

SC621A Datasheet (HTML) - Semtech Corporation


SC621A Product details

Description
The SC621A is a high efficiency charge pump LED driver using Semtech’s proprietary mAhXLifeTM technology. Performance is optimized for use in single-cell Li-ion battery applications.

Features
Input supply voltage range — 3.0V to 5.5V
■ Charge pump modes — 1x, 1.5x and 2x
■ Four programmable current sinks with 32 steps from 0.5mA to 25mA
■ Flash LED — 400mA max in flash mode, 250mA max continuous for spotlight
■ Two programmable 200mA low-noise LDO regulators
■ Charge pump frequency — 250kHz
■ I2C compatible interface — up to 400kHz
■ Backlight current accuracy ±1.5% typical
■ Backlight current matching ±0.5% typical
■ Programmable fade-in/fade-out for main backlight
■ External flash control pin to sync with camera
■ Optional 1s flash time out
■ Automatic sleep mode (LEDs off ) — IQ = 100μA
■ Low shutdown current — 0.1μA (typical)
■ Ultra-thin package — 3mm x 3mm x 0.6mm
■ Lead-free and halogen-free
■ WEEE and RoHS compliant

Applications
■ Cellular phone backlighting and flash
■ PDA backlighting and flash
■ Camera I/O and core power




Similar Part No. - SC621A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC621A SEMTECH-SC621A Datasheet
320Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC621AEVB SEMTECH-SC621AEVB Datasheet
320Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC621AULTRT SEMTECH-SC621AULTRT Datasheet
320Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC621A SEMTECH-SC621A_09 Datasheet
320Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
More results


Similar Description - SC621A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC623A SEMTECH-SC623A Datasheet
280Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
SC624A SEMTECH-SC624A Datasheet
295Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
SC627A SEMTECH-SC627A Datasheet
380Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and I2C Interface
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC621 SEMTECH-SC621_09 Datasheet
314Kb / 23P
LED Light Management Unit Charge Pump,4 LEDs, 400mA Flash LED Dual LDOs,and SemWire Interface
SC621A SEMTECH-SC621A_09 Datasheet
320Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622A SEMTECH-SC622A_09 Datasheet
308Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
SC624A SEMTECH-SC624A_09 Datasheet
302Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
SC627A SEMTECH-SC627A_09 Datasheet
321Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED,Dual LDOs, and I2C Interface
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com