Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1836515 Datasheet (PDF) - PHOENIX CONTACT

1836515 Datasheet PDF - PHOENIX CONTACT
Part # 1836515
Download  1836515 Download
File Size   308.54 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCA 2,5/19-G P20 THR - PCB header

1836515 Datasheet (PDF)

Go To PDF Page Download Datasheet
1836515 Datasheet PDF - PHOENIX CONTACT

Part # 1836515
Download  1836515 Click to download

File Size   308.54 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCA 2,5/19-G P20 THR - PCB header

1836515 Datasheet (HTML) - PHOENIX CONTACT


1836515 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 19, number
of rows: 1, number of positions: 19, number of connections: 19, product range: CCA 2,5/..-G,
pitch: 5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder pin [P]:
2 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting method: without, type of
packaging: packed in cardboard, For user information and design recommendations for throughhole
reflow technology, go to: Downloads




Similar Part No. - 1836515

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
18365 VICOR-18365 Datasheet
148Kb / 4P
16. Through-hole Socket Mount System (InMate)
logo
PHOENIX CONTACT
1836502 PHOENIX-1836502 Datasheet
107Kb / 6P
Printed-circuit board connector - CCA 2,5/18-G P20 THR
1836528 PHOENIX-1836528 Datasheet
85Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
1836531 PHOENIX-1836531 Datasheet
85Kb / 3P
Maximum flexibility when it comes to device design ??one header for connectors with different connection technologies
1836557 PHOENIX-1836557 Datasheet
107Kb / 6P
Printed-circuit board connector - CCA 2,5/23-G P20 THR
More results


Similar Description - 1836515

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836366 PHOENIX-1836366 Datasheet
117Kb / 6P
Printed-circuit board connector - CCA 2,5/ 4-G P20 THR
1836418 PHOENIX-1836418 Datasheet
107Kb / 6P
Printed-circuit board connector - CCA 2,5/ 9-G P20 THR
1836434 PHOENIX-1836434 Datasheet
107Kb / 6P
Printed-circuit board connector - CCA 2,5/11-G P20 THR
1836502 PHOENIX-1836502 Datasheet
107Kb / 6P
Printed-circuit board connector - CCA 2,5/18-G P20 THR
1836379 PHOENIX-1836379 Datasheet
240Kb / 7P
Printed-circuit board connector - CCA 2,5/ 5-G P20 THR
02/04/2022
1836405 PHOENIX-1836405 Datasheet
240Kb / 7P
Printed-circuit board connector - CCA 2,5/ 8-G P20 THR
02/04/2022
1836340 PHOENIX-1836340 Datasheet
342Kb / 11P
PCB header - CCA 2,5/ 2-G P20 THR
Jan 4, 2023
1837080 PHOENIX-1837080 Datasheet
630Kb / 19P
CCVA 2,5/ 8-G P20 THR - PCB header
1837103 PHOENIX-1837103 Datasheet
607Kb / 18P
CCVA 2,5/10-G P20 THR - PCB header
1837064 PHOENIX-1837064 Datasheet
631Kb / 18P
CCVA 2,5/ 6-G P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com