Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4538 Datasheet (PDF) - Semtech Corporation

SC4538 Datasheet PDF - Semtech Corporation
Part # SC4538
Download  SC4538 Download
File Size   235.72 Kbytes
Page   14 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Effi ciency Boost Converter for up to 10 LEDs

SC4538 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4538 Datasheet PDF - Semtech Corporation

Part # SC4538
Download  SC4538 Click to download

File Size   235.72 Kbytes
Page   14 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Effi ciency Boost Converter for up to 10 LEDs

SC4538 Datasheet (HTML) - Semtech Corporation


SC4538 Product details

Description
The SC4538 is designed to regulate current for a series string of white LEDs in LCD backlighting applications where small size and high efficiency are priorities. This device integrates an 800kHz current-mode PWM boost converter and a 30mA programmable low dropout current sink regulator.

Features
■ Input voltage range — 2.8V to 5.5V
■ Programmable LED current up to 30mA
■ Current-mode PWM control — 800kHz
■ Soft-start to reduce in-rush current
■ PWM dimming — 100Hz to 50kHz
■ PWM dimming at ISET — Analog and filtered
■ Over-voltage protection — 38V (minimum)
■ Under-voltage lockout (UVLO)
■ Thermal shutdown
■ Shutdown current — <0.1μA (typical)
■ Ultra-thin package — 2mm x 2mm x 0.6mm
■ Lead-free package, WEEE and RoHS compliant

Applications
■ DSLR, DSC, and Video Cameras
■ Cellular handsets
■ Portable media players
■ Personal navigation systems
■ Satellite radio
■ Handheld video games




Similar Part No. - SC4538

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4538 SEMTECH-SC4538 Datasheet
252Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
SC4538EVB SEMTECH-SC4538EVB Datasheet
252Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
SC4538ULTRT SEMTECH-SC4538ULTRT Datasheet
252Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
SC4538 SEMTECH-SC4538_08 Datasheet
252Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
More results


Similar Description - SC4538

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4539 SEMTECH-SC4539 Datasheet
245Kb / 14P
High Effi ciency Boost Converter for up to 6 LEDS
SC4538 SEMTECH-SC4538_08 Datasheet
252Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
SC4539 SEMTECH-SC4539_08 Datasheet
249Kb / 14P
High Effi ciency Boost Converter for up to 6 LEDS
logo
Linear Technology
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
High Effi ciency Buck-Boost DC/DC 關Module
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTC3785 LINER-LTC3785 Datasheet
259Kb / 20P
10V, High Effi ciency, Synchronous, No RSENSE Buck-Boost Controller
logo
Semtech Corporation
SC4540 SEMTECH-SC4540 Datasheet
282Kb / 15P
High Effi ciency Boost Converter for up to 10 LEDs
logo
Linear Technology
LTC3780 LINER-LTC3780_12 Datasheet
392Kb / 28P
High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
Effi ciency to 95%
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
Effi ciency to 93%
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com