Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1117 Datasheet (PDF) - Holtek Semiconductor Inc

HT1117 Datasheet PDF - Holtek Semiconductor Inc
Part # HT1117
Download  HT1117 Download
File Size   105.46 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 1A General Purpose LDO

HT1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1117 Datasheet PDF - Holtek Semiconductor Inc

Part # HT1117
Download  HT1117 Click to download

File Size   105.46 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 1A General Purpose LDO

HT1117 Datasheet (HTML) - Holtek Semiconductor Inc


HT1117 Product details

General Description

The HT1117 devices are a series of three-terminal high current low voltage regulators. They can deliver an out

put current of 1A and can accept input voltages up to 12V. The devices are available in both adjustable and

fixed output voltage type with a range of 1.8V to 5.0V. In ternal current limit and thermal protection circuits provide protection against overload conditions that could create excessive junction temperatures.



Features

Output voltage ranges: Fixed range of 1.8V, 2.5V, 2.85V, 3.3V, 5.0V or adjustable type.

High accuracy:2%

Low voltage drop: 1.1V (typ.), VOUT=5.0V at 1A

Guaranteed output current: 1A

Low quiescent current: 8mA (typ.)

Integrated current limit & thermal protection circuits

SOT-223 package



Applications

Active SCSI terminations

Post regulator for switching power supplies

Low voltage microcontrollers

Motherboard clock supplies

Battery chargers




Similar Part No. - HT1117

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT11 TSC-HT11 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
List of Unclassifed Man...
HT11-012 ETC2-HT11-012 Datasheet
83Kb / 3P
NEMA 11 High Torque Step Motor
More results


Similar Description - HT1117

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
1A GENERAL PURPOSE GPP DIODES
logo
Rohm
2SB1710 ROHM-2SB1710 Datasheet
77Kb / 3P
General purpose amplification (-30V, -1A)
QST9 ROHM-QST9 Datasheet
107Kb / 3P
General purpose amplification (-30V, -1A)
US6X8 ROHM-US6X8 Datasheet
68Kb / 3P
General purpose amplification (30V, 1A)
QSX8 ROHM-QSX8 Datasheet
69Kb / 3P
General purpose amplification (30V, 1A)
logo
Holtek Semiconductor In...
HT1087 HOLTEK-HT1087 Datasheet
140Kb / 13P
0.5A General Purpose LDO
October 5, 2007
logo
Rohm
2SD2703 ROHM-2SD2703_1 Datasheet
96Kb / 3P
General purpose amplification (30V, 1A)
logo
Frontier Electronics.
1N4001S FRONTIER-1N4001S Datasheet
66Kb / 2P
1A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Cystech Electonics Corp...
DI4005SH CYSTEKEC-DI4005SH Datasheet
238Kb / 6P
1A General Purpose Rectifier
logo
Rohm
BSS4130 ROHM-BSS4130 Datasheet
1Mb / 10P
General purpose amplification (30V, 1A)
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com