Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6222 Datasheet (PDF) - Holtek Semiconductor Inc

HT6222 Datasheet PDF - Holtek Semiconductor Inc
Part # HT6222
Download  HT6222 Download
File Size   178.27 Kbytes
Page   15 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Multi-Purpose Encoders

HT6222 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT6222 Datasheet PDF - Holtek Semiconductor Inc

Part # HT6222
Download  HT6222 Click to download

File Size   178.27 Kbytes
Page   15 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Multi-Purpose Encoders

HT6222 Datasheet (HTML) - Holtek Semiconductor Inc


HT6222 Product details

General Description
The HT6221/HT6222 are CMOS LSI encoders designed for use in remote control systems. They are capable of encoding 16-bit address codes and 8-bit data codes. Each address/data input can be set to one of the two logic states, 0 and 1.

Features
• Operating voltage: 1.8V~3.5V
• DOUT with 38kHz carrier for IR medium
• Low standby current
• Minimum transmission word: one word
• 455kHz ceramic resonator or crystal
• 16-bit address codes
• 8-bit data codes
• PPM code method
• Three double-active keys
• Maximum active keys  HT6221: 32 keys  HT6222: 64 keys
• Low power and high noise immunity CMOS technology
• HT6221: 20-pin SOP package HT6222: 24-pin SOP package

Applications
• Television and video cassette recorder controllers
• Burglar alarm systems
• Smoke and fire alarm systems
• Garage door controllers
• Car door controllers
• Car alarm systems
• Security systems
• Other remote control systems




Similar Part No. - HT6222

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6222 HOLTEK-HT6222 Datasheet
153Kb / 13P
Multi-Purpose Encoders
March 2, 2000
logo
ARTSCHIP ELECTRONICS CO...
HT6222 ARTSCHIP-HT6222 Datasheet
709Kb / 11P
Multi-Purpose Encoders
logo
Holtek Semiconductor In...
HT6222A HOLTEK-HT6222A Datasheet
179Kb / 19P
Multi-Purpose Encoders
More results


Similar Description - HT6222

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221 Datasheet
153Kb / 13P
Multi-Purpose Encoders
March 2, 2000
logo
KODENSHI_AUK CORP.
KE203 KODENSHI-KE203 Datasheet
180Kb / 3P
ENCODERS
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
ENCODERS
KE-2B10 KODENSHI-KE-2B10 Datasheet
177Kb / 3P
ENCODERS
KE-2B12F KODENSHI-KE-2B12F Datasheet
179Kb / 3P
ENCODERS
KE-2E10 KODENSHI-KE-2E10 Datasheet
177Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10_09 Datasheet
217Kb / 3P
ENCODERS
logo
Holtek Semiconductor In...
HT6220A HOLTEK-HT6220A Datasheet
179Kb / 19P
Multi-Purpose Encoders
logo
ARTSCHIP ELECTRONICS CO...
HT6221 ARTSCHIP-HT6221 Datasheet
709Kb / 11P
Multi-Purpose Encoders
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com