Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON-2026 Datasheet (PDF) - AG Electronica

CON-2026 Datasheet PDF - AG Electronica
Part # CON-2026
Download  CON-2026 Download
File Size   240.22 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description TERMINAL PARA CAJA RECEPTORA 20-26 AWG

CON-2026 Datasheet (PDF)

Go To PDF Page Download Datasheet
CON-2026 Datasheet PDF - AG Electronica

Part # CON-2026
Download  CON-2026 Click to download

File Size   240.22 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description TERMINAL PARA CAJA RECEPTORA 20-26 AWG

CON-2026 Datasheet (HTML) - AG Electronica


CON-2026 Product details

Descripción
Una terminal es el punto en que un conductor de un componente eléctrico, dispositivo o red llega a su fin y proporciona un punto de conexión de circuitos externos. La terminal puede ser simplemente el final de un cable o puede estar dentro de una caja receptora y/o fijarse a un conector con tornillos. La conexión puede ser temporal, como para equipos portátiles, puede exigir una herramienta para montaje y desmontaje, o puede ser una unión permanente entre dos cables o dos aparatos.




Similar Part No. - CON-2026

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
CON-ICR44-14 ADVANTECH-CON-ICR44-14 Datasheet
820Kb / 6P
High Speed Wired Router & Powerfull Edge Computing Gateway
18-Jan-2023
logo
Infinite Electronics In...
CON-M124PCBF L-COM-CON-M124PCBF Datasheet
70Kb / 1P
M12 4 PIN PCB MNT FEMALE
12/01/2009
CON-M124PF L-COM-CON-M124PF Datasheet
68Kb / 1P
M12 4 PIN PNL MNT FEMALE
11/24/2009
CON-M124PM L-COM-CON-M124PM Datasheet
72Kb / 1P
M12 4 PIN PNL MNT MALE
11/24/2009
CON-M124SLDF L-COM-CON-M124SLDF Datasheet
67Kb / 1P
M12 4 PIN SLDR MNT FEMALE
12/01/2009
More results


Similar Description - CON-2026

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357460410 MOLEX5-0357460410 Datasheet
100Kb / 3P
Crimp Terminal 35746, 24-26 AWG
0357470310 MOLEX5-0357470310 Datasheet
110Kb / 2P
Crimp Terminal 35747, 1818, 2020 AWG
0357480410 MOLEX5-0357480410 Datasheet
103Kb / 2P
Crimp Terminal 35748, 24-26 AWG
0357480310 MOLEX5-0357480310 Datasheet
127Kb / 2P
Crimp Terminal 35748, 1818, 2020 AWG
logo
FCI connector
76624-001LF FCI-CONNECTOR-76624-001LF Datasheet
89Kb / 1P
RELIMATE TERMINAL (AWG#22-#26)
logo
List of Unclassifed Man...
PA1460 ETC2-PA1460 Datasheet
173Kb / 1P
D-sub 4 Indent Crimper 26-20 AWG
logo
Molex Electronics Ltd.
63900-3700 MOLEX11-63900-3700 Datasheet
50Kb / 1P
FineAdjust 1.25mm Pitch Crimp Terminal, 26-32 AWG
0639019800 MOLEX11-0639019800 Datasheet
32Kb / 1P
FineAdjust Applicator for 3.96mm Pitch Crimp Terminal, 20-26 AWG
0639119800 MOLEX11-0639119800 Datasheet
50Kb / 1P
T2 Terminator for 3.96mm Pitch Crimp Terminal, 20-26 AWG
5600850101 MOLEX1-5600850101_17 Datasheet
32Kb / 1P
DuraClik Crimp Terminal, Female, 22-26 AWG, Reel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com