Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EIS-12PR Datasheet (PDF) - AG Electronica

EIS-12PR Datasheet PDF - AG Electronica
Part # EIS-12PR
Download  EIS-12PR Download
File Size   349.5 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONECTOR TIPO MOLEX HEMBRA 12 POSICIONES

EIS-12PR Datasheet (PDF)

Go To PDF Page Download Datasheet
EIS-12PR Datasheet PDF - AG Electronica

Part # EIS-12PR
Download  EIS-12PR Click to download

File Size   349.5 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONECTOR TIPO MOLEX HEMBRA 12 POSICIONES

EIS-12PR Datasheet (HTML) - AG Electronica


EIS-12PR Product details

Descripción
Conector tipo molex hembra de 12 posiciones con paso de 2.54mm [0.100”]




Similar Part No. - EIS-12PR

ManufacturerPart #DatasheetDescription
logo
AG Electronica
EIS-12PR AGELECTRONICA-EIS-12PR Datasheet
53Kb / 1P
Caja receptora paso 2.54mm [.100”].
22/JUL/08
More results


Similar Description - EIS-12PR

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015311021 MOLEX1-0015311021 Datasheet
165Kb / 2P
MOLEX-JAPAN CO.LTD
0015311031 MOLEX1-0015311031 Datasheet
166Kb / 2P
MOLEX-JAPAN CO.LTD
0015311032 MOLEX1-0015311032 Datasheet
145Kb / 2P
MOLEX-JAPAN CO.LTD
0015311041 MOLEX1-0015311041 Datasheet
161Kb / 2P
MOLEX-JAPAN CO.LTD
0015311042 MOLEX1-0015311042 Datasheet
147Kb / 2P
MOLEX-JAPAN CO.LTD
0015311092 MOLEX1-0015311092 Datasheet
159Kb / 2P
MOLEX-JAPAN CO.LTD
logo
Japan Aviation Electron...
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
FB10S0 JAE 0.3mm PITCH FPC CONECTOR
logo
Glenair, Inc.
240-838A GLENAIR-240-838A Datasheet
100Kb / 2P
Conector Adapter
logo
HARTING Technology Grou...
09-03-264-6855 HARTING-09-03-264-6855 Datasheet
724Kb / 4P
CONECTOR DIN 64 FEMEA 2,9C1
logo
Molex Electronics Ltd.
987651-8711 MOLEX-987651-8711 Datasheet
1Mb / 4P
Molex RFID Solutions
2019.11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com