Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM9260 Datasheet (PDF) - ATMEL Corporation

AT91SAM9260 Datasheet PDF - ATMEL Corporation
Part # AT91SAM9260
Download  AT91SAM9260 Download
File Size   910.89 Kbytes
Page   45 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91 ARM Thumb Microcontrollers

AT91SAM9260 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT91SAM9260 Datasheet PDF - ATMEL Corporation

Part # AT91SAM9260
Download  AT91SAM9260 Click to download

File Size   910.89 Kbytes
Page   45 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91 ARM Thumb Microcontrollers

AT91SAM9260 Datasheet (HTML) - ATMEL Corporation


AT91SAM9260 Product details

Description
The AT91SAM9260 is based on the integration of an ARM926EJ-S processor with fast ROM and RAM memories and a wide range of peripherals. The AT91SAM9260 embeds an Ethernet MAC, one USB Device Port, and a USB Host control ler. It also integrates several standard peripherals, such as the USART, SPI, TWI, Timer Counters, Synchronous Serial Controller, ADC and MultiMedia Card Interface.

Features
• 180 MHz ARM926EJ-S™ ARM® Thumb® Processor
   – 8 KBytes Data Cache, 8 KBytes Instruction Cache, MMU
• Memories
   – 32-bit External Bus Interface supporting 4-bank SDRAM/LPSDR, Static Memorie CompactFlash, SLC NAND Flash with ECC
   – Two 4-kbyte internal SRAM, single-cycle access at system speed
   – One 32-kbyte internal ROM, embedding bootstrap routine
• Peripherals
   – ITU-R BT. 601/656 Image Sensor Interface
   – USB Device and USB Host with dedicated On-Chip Transceiver
   – 10/100 Mbps Ethernet MAC Controller
   – One High Speed Memory Card Host
   – Two Master/Slave Serial Peripheral Interfaces
   – Two Three-channel 32-bit Timer/Counters
   – One Synchronous Serial Controller
   – One Two-wire Interface
   – Four USARTs
   – Two UARTs
   – 4-channel 10-bit ADC
• System
   – 90 MHz six 32-bit layer AHB Bus Matrix
   – 22 Peripheral DMA Channels
   – Boot from NAND Flash, SDCard, DataFlash® or serial DataFlash
   – Reset Controller with On-Chip Power-on Reset
   – Selectable 32,768 Hz Low-Power and 3-20 MHz Main Oscillator
   – Internal Low-Power 32 kHz RC Oscillator
   – One PLL for the system and one PLL optimized for USB
   – Two Programmable External Clock Signals
   – Advanced Interrupt Controller and Debug Unit
   – Periodic Interval Timer, Watchdog Timer and Real Time Timer
• I/O
   – Three 32-bit Parallel Input/Output Controllers
   – 96 Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os
• Package
   – 217-ball BGA, 0.8 mm pitch
   – 208-pin QFP, 0.5 mm pitch




Similar Part No. - AT91SAM9260

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
8Mb / 45P
Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
917Kb / 47P
AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
10Mb / 798P
AT91 ARM Thumb Microcontrollers
AT91SAM9260-CJ ATMEL-AT91SAM9260-CJ Datasheet
8Mb / 45P
Thumb Microcontrollers
AT91SAM9260-CU ATMEL-AT91SAM9260-CU Datasheet
1Mb / 47P
AT91 ARM Thumb Microcontrollers
More results


Similar Description - AT91SAM9260

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
AT91 ARM Thumb Microcontrollers
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128 Datasheet
1Mb / 50P
AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
AT91 ARM Thumb Microcontrollers
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com