Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPDF6A6.8FUT1G Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPDF6A6.8FUT1G Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPDF6A6.8FUT1G
Download  TPDF6A6.8FUT1G Download
File Size   1259.19 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Quad Array for ESD Protection

TPDF6A6.8FUT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
TPDF6A6.8FUT1G Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPDF6A6.8FUT1G
Download  TPDF6A6.8FUT1G Click to download

File Size   1259.19 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Quad Array for ESD Protection

TPDF6A6.8FUT1G Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPDF6A6.8FUT1G Product details

Features
«Ultra low leakage: nA level
« Operating voltage: 5V
« Low clamping voltage
+ Complies with following standards:
— IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV'
Contact discharge: +30kV
— IEC61000-4-4 (EFT) 40A (5/50ns)
—~IEC61000-4-5 (Lightning) 10A (8/20ps)
+ RoHS Compliant




Similar Part No. - TPDF6A6.8FUT1G

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPDF2B6M4ASL TECHPUBLIC-TPDF2B6M4ASL Datasheet
1Mb / 4P
Low Capacitance Bi-directional ESD DIODE
TPDF3A6.8FUT1G TECHPUBLIC-TPDF3A6.8FUT1G Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
TPDF3A6.8LFV TECHPUBLIC-TPDF3A6.8LFV Datasheet
1Mb / 4P
2-Line ESD Protection
More results


Similar Description - TPDF6A6.8FUT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSQA6V1W5T2 ONSEMI-MSQA6V1W5T2 Datasheet
46Kb / 4P
Quad Array for ESD Protection
November, 2003 ??Rev. 3
DF6A6.8FUT1 ONSEMI-DF6A6.8FUT1_05 Datasheet
54Kb / 4P
Quad Array for ESD Protection
June, 2005 ??Rev. 1
SMF05T1 ONSEMI-SMF05T1 Datasheet
127Kb / 4P
Quad Array for ESD Protection
January, 2006 -- Rev. 3
MSQA6V1W5T2 ONSEMI-MSQA6V1W5T2_06 Datasheet
52Kb / 4P
Quad Array for ESD Protection
February, 2006 ??Rev. 4
logo
Leshan Radio Company
LESD6A6V8W6T1G LRC-LESD6A6V8W6T1G Datasheet
354Kb / 5P
Quad Array for ESD Protection
LESDA5V6V5T1G LRC-LESDA5V6V5T1G Datasheet
320Kb / 6P
Quad Array for ESD Protection
logo
Pan Jit International I...
PJESDA5V6-5G PANJIT-PJESDA5V6-5G Datasheet
175Kb / 3P
QUAD ARRAY FOR ESD PROTECTION
logo
ON Semiconductor
DF6A6.8FUT2G ONSEMI-DF6A6.8FUT2G Datasheet
100Kb / 3P
Quad Array for ESD Protection
October, 2012 ??Rev. 2
MSQA6V1W5T2G ONSEMI-MSQA6V1W5T2G Datasheet
172Kb / 6P
Quad Array for ESD Protection
February, 2012 ??Rev. 7
SMF05T1 ONSEMI-SMF05T1_09 Datasheet
169Kb / 5P
Quad Array for ESD Protection
August, 2009 ??Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com