Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD3V3HS2-SFYL Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD3V3HS2-SFYL Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD3V3HS2-SFYL
Download  TPESD3V3HS2-SFYL Download
File Size   2479.05 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE

TPESD3V3HS2-SFYL Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD3V3HS2-SFYL Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD3V3HS2-SFYL
Download  TPESD3V3HS2-SFYL Click to download

File Size   2479.05 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE

TPESD3V3HS2-SFYL Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD3V3HS2-SFYL Product details

Features
« Low operating voltage: 3.3V
» Ultra low capacitance: 0.4pF (Typ)
o Ultra low leakage: nA level
Low clamping voltage
o ~IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV/
Contact discharge: +30kV
—~IEC61000-4-4 (EFT) 40A (5/505) |
—~IEC61000-4-5 (Lightning) 8A (8/20ps)

« 2-pinleadless package
© These are Pb-Free Devices
Response Time is Typically < 1 ns




Similar Part No. - TPESD3V3HS2-SFYL

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD3V3MS-SFYL TECHPUBLIC-TPESD3V3MS-SFYL Datasheet
2Mb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
TPESD3V3Z1BSFYL TECHPUBLIC-TPESD3V3Z1BSFYL Datasheet
1Mb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
More results


Similar Description - TPESD3V3HS2-SFYL

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC3311CDNQ LEIDITECH-ULC3311CDNQ Datasheet
643Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
ESD7551N2T5G LEIDITECH-ESD7551N2T5G Datasheet
336Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPD1E01B04DPYT LEIDITECH-TPD1E01B04DPYT Datasheet
339Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
BDFN2C031RF LEIDITECH-BDFN2C031RF Datasheet
332Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
CPDQC3V3A-HF LEIDITECH-CPDQC3V3A-HF Datasheet
332Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
RCLAMP3331Y LEIDITECH-RCLAMP3331Y Datasheet
429Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 1.0 : 07.07.2021
RCLAMP3331ZA LEIDITECH-RCLAMP3331ZA Datasheet
431Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 1.0 : 07.07.2021
TPD1E01B04DPYR LEIDITECH-TPD1E01B04DPYR Datasheet
475Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPD1E1B04DPYR LEIDITECH-TPD1E1B04DPYR Datasheet
475Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPESD3301P LEIDITECH-TPESD3301P Datasheet
339Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com