Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD4V0MS-SFYL Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD4V0MS-SFYL Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD4V0MS-SFYL
Download  TPESD4V0MS-SFYL Download
File Size   1747.73 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE

TPESD4V0MS-SFYL Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD4V0MS-SFYL Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD4V0MS-SFYL
Download  TPESD4V0MS-SFYL Click to download

File Size   1747.73 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE

TPESD4V0MS-SFYL Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD4V0MS-SFYL Product details

Features
Low operating voltage: 4.0V
Ultra low capacitance: 0.4pF (Typ)
Ultra low leakage: nA level
© Low clamping voltage
© —IEC 61000-4-2 (ESD) immunity test
Air discharge: £30kV
Contact discharge: +30kV/
~IEC61000-4-4 (EFT) 40A (5/50ns)
~IEC61000-4-5 (Lightning) 8A (8/20ps)
© 2-pin leadless package
These are Pb-Free Devices
Response Time is Typically <1 ns.




Similar Part No. - TPESD4V0MS-SFYL

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD4V0X2UMZ TECHPUBLIC-TPESD4V0X2UMZ Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode
TPESD4V0Y1BSFYL TECHPUBLIC-TPESD4V0Y1BSFYL Datasheet
1Mb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
More results


Similar Description - TPESD4V0MS-SFYL

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC3311CDNQ LEIDITECH-ULC3311CDNQ Datasheet
643Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
ESD7551N2T5G LEIDITECH-ESD7551N2T5G Datasheet
336Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPD1E01B04DPYT LEIDITECH-TPD1E01B04DPYT Datasheet
339Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
BDFN2C031RF LEIDITECH-BDFN2C031RF Datasheet
332Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
CPDQC3V3A-HF LEIDITECH-CPDQC3V3A-HF Datasheet
332Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
RCLAMP3331Y LEIDITECH-RCLAMP3331Y Datasheet
429Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 1.0 : 07.07.2021
RCLAMP3331ZA LEIDITECH-RCLAMP3331ZA Datasheet
431Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 1.0 : 07.07.2021
TPD1E01B04DPYR LEIDITECH-TPD1E01B04DPYR Datasheet
475Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPD1E1B04DPYR LEIDITECH-TPD1E1B04DPYR Datasheet
475Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPESD3301P LEIDITECH-TPESD3301P Datasheet
339Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com